Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 31Page - Analog Devices AD6652PCB Datasheet HTML 32Page - Analog Devices AD6652PCB Datasheet HTML 33Page - Analog Devices AD6652PCB Datasheet HTML 34Page - Analog Devices AD6652PCB Datasheet HTML 35Page - Analog Devices AD6652PCB Datasheet HTML 36Page - Analog Devices AD6652PCB Datasheet HTML 37Page - Analog Devices AD6652PCB Datasheet HTML 38Page - Analog Devices AD6652PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
AD6652
Rev. 0 | Page 35 of 76
R
DC
ta-
lowed in
the rCIC2. The resampling factor for the rCIC2 (L) is a 9-bit
integer. When combined with the decimation factor M, a 12-bit
number, the total rate-change can be any fraction in the form of
SECOND-ORDER rCIC FILTE
The rCIC2 filter is a second-order resampling cascaded
integrator comb filter. The resampler is implemented using a
unique technique, which does not require the use of a high-
speed clock, thus simplifying the design and saving power. The
resampler allows for noninteger relationships between the D
CLK and the output data rate. This allows easier implemen
tion of systems that are either multimode or require a master
clock that is not a multiple of the data rate to be used.
Interpolation up to 512 and decimation up to 4096 is al
1
2
2
=
rCIC
R
M
L
R
rCIC
The only co
than or
IC2 decimates by 1 or
a second-order cascaded
cteristics are determined only
).
rt
g
nstraint is that the ratio L/M must be less
equal to one. This implies that the rC
more.
Resampling is implemented by apparently increasing the input
sample rate by the factor L, using zero stuffing for the new data
samples. Following the resampler is
integrator comb filter. Filter chara
by the fractional rate-change (L/M
The filter can process signals at the full rate of the input po
(65 MHz). The output rate of this stage is given by the followin
equation:
2
2
2
rCIC
SAMP
rCIC
SAMP
M
f
L
f
=
where:
LrCIC2 and MrCIC2 are unsigned integers.
LrCIC2, the interpolation rate, can be from 1 to 512.
MrCIC2, the decimation, can be between 1 and 4096.
The stage can be bypassed
frequency response of the
by setting the decimation to 1/1. The
rCIC2 filter is given by the following
equations:
2
2
1
⎛ − M
z
rCIC
1
2
2
1
2
1
)
(
2
×
×
=
z
L
L
z
rCIC
rCIC
SrCIC
H
2
2
2
2
sin
sin
2
1
)
(
2
⎟⎟
⎜⎜
⎟⎟
⎜⎜
π
×
×
π
×
×
=
SAMP
SAMP
rCIC
rCIC
rCIC
S
f
f
f
L
f
M
L
f
H
rCIC
Use these equations along with the following filter transfer
equations to calculate the gain and pass-band droop of the
rCIC2. Excessive pass-band droop can be compensated for in
c
rCIC2
to the least attenuation without creating an
t must be programmed at 0x92
e va
uld
t 0x92[4:0] t
date
t
rdware feature.
ass-band d
of the rCIC2 shoul
the RCF stage by peaking the pass-band by the inverse of the
roll-off.
rCIC2 SCALE FACTOR
The scale factor, SrCIC2, is a programmable unsigned 5-bit
between 0 and 31, which serves as an attenuator that can reduce
the gain of the rCIC2 in 6 dB increments. For the best dynami
range, set S
overflow condition. This can be safely accomplished using the
following equation, where input_level is the largest fraction of
full scale possible at the input to the AD6652 (normally 1). The
SrCIC2 scale factor is always used whether or not the rCIC2 is
bypassed.
The SrCIC2 value must be less than 32 or the interpolation and
decimation rates must be adjusted to validate this equation. The
ceil function denotes the next whole integer, and the floor
function denotes the current whole integer. For example, the
ceil(4.2) is 5 while the floor(4.2) is 4. When SrCIC2 has been
determined for all channels, i
addr
[9:5] of each channel
o be programmed a
ess register. The sam
o accommo
lue sho
als
a redundan
ha
The gain and p
roop
d be calcu-
lated by the previous equations, as well as the rCIC2 filter
transfer equations. Excessive pass-band droop can be compen-
sated for in the RCF stage by peaking the pass-band by the
inverse of the roll-off.
⎜⎜
⎜⎜
×
×
×
⎟⎟
⎜⎜
+
=
2
log
2
2
2
2
2
2
2
2
2
rCIC
rCIC
rCIC
rCIC
rCIC
rCIC
rCIC
rCIC
L
M
floor
L
M
L
M
floor
M
ceil
S
⎟⎟
⎟⎟
+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com