Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 56 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 56 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 52Page - Analog Devices AD6652PCB Datasheet HTML 53Page - Analog Devices AD6652PCB Datasheet HTML 54Page - Analog Devices AD6652PCB Datasheet HTML 55Page - Analog Devices AD6652PCB Datasheet HTML 56Page - Analog Devices AD6652PCB Datasheet HTML 57Page - Analog Devices AD6652PCB Datasheet HTML 58Page - Analog Devices AD6652PCB Datasheet HTML 59Page - Analog Devices AD6652PCB Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
AD6652
Rev. 0 | Page 56 of 76
e microport or serial port.
,
it 6 of the register is the broadcast bit, which determines how
n Bits 5–2, which
n[3:0]), are
CH
] pins. The instruction that
s the CHIP_ID
ss. This
ws up to 16 chips t
the same port and
ory mapped with
allows the
me serial port of a h t processor to configure up to 16 chips.
the broadcast bit is h h, the Instruction[3:0] word allows
ultiple AD6652 chan els and/or chips to be configured
ultaneously indepe
3:0] pins. The
ossible instruction
eful
smart antenna syst
ls listening to
gle antenna or car
ltaneously.
x’s in the commen
ent “don’t
s” in the digital de
t is enabled (Bit 6
h) readback is n
otential for
ternal bus contentio
erefore, if readback is subsequently
ed, the broadcast t should be set low.
its 1–0 of the ACR ar address bits that decode which of the
ur channels are bein
sed. If the instruction bits decode
n access to multiple c nnels, then these bits are ignored. If the
struction decodes an ccess to a subset of chips, then the
bits otherwise d
the channel being accessed.
Instructions,
ruction
Comm
ACCESS CONTROL REGISTER (ACR)
External Address 7
The ACR specifies certain programming characteristics such as
autoincrement or broadcast, which are to be applied to the
incoming instructions, and selects which channel(s) are to be
programmed by th
Bit 7 of this register is the autoincrement bit. If this bit is a 1
then the CAR register, described in the Channel Address
Register (CAR) section, increments its value after every access
to the channel. This allows blocks of address space such as
coefficient memory to be initialized more efficiently.
B
Bits 5–2 are interpreted. If broadcast is 0 the
are referred to as instruction bits (Instructio
compared with the
IP_ID[3:0
matche
[3:0] pins determines the acce
allo
o be connected to
mem
out external logic. This also
sa
os
If
ig
m
n
sim
ndent of the CHIP_ID[
10 p
s are defined in Table 23. This is us
for
ems, where multiple channe
a sin
rier can be configured simu
The
t portion of the table repres
care
et hig
coding. When broadcas
ecause of the p
s
ot valid b
in
n. Th
desir
bi
B
e
fo
g acces
a
ha
in
a
A[9:8]
etermine
Table 23. Microport
Inst
7:5–2
ent
0000
All chips and all
ls have access.
channe
0001
Channe 0, 1, 2 of all chips have access.
ls
0010
Channe
ps have access.
ls 1, 2, 3 of all chi
0100
All chips get the access.1
1000
All chip
xxx0 have access.1
s with Chip_ID[3:0] =
1001
All chip
xx1 have access.1
s with Chip_ID[3:0] = x
1100
All chip
ID[3:0] = xx00 have access.1
s with Chip_
1101
All chip
_ID[3:0] = xx01 have access.1
s with Chip
1110
All chip
ip_ID[3:0] = xx10 have access.1
s with Ch
1111
All chip
xx11 have access.1
s with Chip_ID[3:0] =
1 A[9:8] bits control which c
.
f a channel register
autoincrement bit of the
the
by
er
gister also contains
BIST (built-in self-test) commands that turn internal test
signals off or on, namely, pseudonoise and negative full-scale
e wav
d 6, explained below.
Bits 0–3
SOFT_SYNC channel enable bits
for each
he fou
h to one
or all of
e bits
selects the indicated channel(s) to be
recipien
a sof
nchronizing pulse—whenever such
signal is
erated
f this register as described
below. A
nc
be used in addition to a soft-sync
signal, if
ired.
Bit 4 is t
ng pulse. Writing this bit to
logic hig
ot-type pulse to trigger the start
hold-of
cted DDC channels according to
Bits 3–0
nnel/Chip Synchronization section
for furth
it also programs
Channel
s Reg
Bit 5 is t
op so
his bit to
logic hig
iate
hop
frequen
old-o
nnels
accordin
Bits
hannel/Chip
Synchro
tion s
mming this bit also programs
the Cha
Addr
Bit 6 co
w the internal input data bus is configured. If
this bit is lo
the ADCs (analog–to-digital converters) are
connect
the
user’s choice—
this is n
l ope
, then the
internal
gna
ll DDC NCOs for BIST
purpose
this
programmed input
choice.
ed in Bit 7 of this
register.
If Bit 7
ow
nal is generated and
made av
f this bit is high, then
the inte al pseudorandom noise generator is enabled and this
data is a
the internal input data bus. The combined
function
its 6 and 7 facilitate BIST functions. Also, in
conjunc
e MISR registers, this allows for detailed
in-syste
testing.
hannel is decoded for access
CHANNEL ADDRESS REGISTER (CAR)
External Address 6
The user writes the 8-bit internal address o
to be programmed in the CAR. If the
ACR is 1, then this value is incremented after every access to
DR0 register, which in turn accesses the location pointed to
this address. The channel address register cannot be read back
while the broadcast bit is set high.
SOFT_SYNC CONTROL REGISTER
External Address 5
The SOFT_SYNC control register is write only. The regist
name is somewhat deceiving in that this re
sin
e, at Bits 7 an
of this register are the
of t
r DDC channels. Writing a logic hig
thes
simply
ts of
t_sync sy
gen
by Bits 4 and 5 o
pin-sy
signal can
des
he start software synchronizi
h initiates a one-sh
f counter of the sele
above. See the Cha
form
er in
Addres
ation. Programming this b
ister 0x82 of each channel.
he h
ftware synchronizing pulse. Writing t
h init
s a one-shot-type pulse to trigger the
cy h
ff counter of the selected DDC cha
g to
3–0 above. See the C
niza
ection. Progra
nnel
ess Register 0x82 of each channel.
nfigures ho
w, then
ed to
DDC NCOs according to the
orma
ration. If this bit is logic high
test si
ls are connected to a
s and
overrides any NCO
The internal test signals are configur
is logic l
, a negative full-scale sig
ailable to the internal data bus. I
rn
vailable to
s of B
tion with th
m chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com