Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 8Page - Analog Devices AD6652PCB Datasheet HTML 9Page - Analog Devices AD6652PCB Datasheet HTML 10Page - Analog Devices AD6652PCB Datasheet HTML 11Page - Analog Devices AD6652PCB Datasheet HTML 12Page - Analog Devices AD6652PCB Datasheet HTML 13Page - Analog Devices AD6652PCB Datasheet HTML 14Page - Analog Devices AD6652PCB Datasheet HTML 15Page - Analog Devices AD6652PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
AD6652
Rev. 0 | Page 12 of 76
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Type
Function
POWER SUPPLY
A13, B13, C13, D13, E13, F13, G13, H13, J13, K13, L13, M13, N13, P13, R13,
T13, A14, B14, C14, D14, E14, M14, N14, P14, R14
AVDD
Power
3.0 V Analog Supply, 25 Pins.
D4, D5, D6, D7, E4, E5, E6, E7, M8, M9, M10, M11, N8, N9, N10, N11
VDD
Power
2.5 V Digital Core Supply, 16 Pins.
D8, D9, D10, D11, D12, E8, E9, E10, E11, E12, F12, G12, H12, J12, K12, L12,
M4, M5, M6, M7, M12, N4, N5, N6, N7, N12, P6
VDDIO
Power
3.3 V Digital I/O Supply, 27 Pins.
A1, B5, F2, F4, F5, F6, F7, F8, F9, F10, F11, G4, G5, G6, G7, G8, G9, G10, G11,
H4, H5, H6, H7, H8, H9, H10, H11, J2, J3, J4, J5, J6, J7, J8, J9, J10, J11, K4,
K5, K6, K7, K8, K9, K10, K11, L3, L4, L5, L6, L7, L8, L9, L10, L11, P1, T1
DGND
Ground
Digital Ground, 56 Pins.
A15, A16, B15, B16, C15, D15, E15, E16, F14, F15, F16, G14, H14, H15, J14,
J15, K14, L14, L15, L16, M15, M16, N15, P15, R15, R16, T15, T16
AGND
Ground
Analog Ground, 28 Pins.
MISCELLANEOUS
E3, P9, P10, P12, R7, R8, R9, R10, R11, T7, T8, T9, T10
NC
N/A
No Connect, 13 Pins.
B1
DNC
N/A
Do Not Connect.
Pin No.
Mnemonic
Type
Function
ADC INPUTS
P16
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
N16
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
C16
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
D16
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
J16
VREF
I/O
Voltage Reference Input/Output.
H16
SENSE
Input
Voltage Reference Mode Select.
T14
ACLK
Input
ADC Master Clock.
B12
DUTYEN
Input
Duty Cycle Stabilizer, Active High.
A12, R12
PDWN1
Input
Power-Down Enable, Active High.
T12
SHRDREF
Input
Shared Voltage Reference Select, Low = Independent, High = Shared.
ADC OUTPUTS
A11
OTRA
Output
Out-of-Range Indicator for Channel A, High = Overrange.
P11
OTRB
Output
Out-of-Range Indicator for Channel B, High = Overrange.
K16
REFTA
Output
Top Reference Voltage, Channel A.
G16
REFTB
Output
Top Reference Voltage, Channel B.
K15
REFBA
Output
Bottom Reference Voltage, Channel A.
G15
REFBB
Output
Bottom Reference Voltage, Channel B.
DDC INPUTS
A8
RESET
Input
Master Reset, Active Low.
T11
DCLK
Input
DDC Master Clock.
T2
PCLK
I/O
Link Port Clock Output or Parallel Port Clock Input.
D3
PACH1_LACLKIN 2
I/O
Channel ID Output Bit, MSB, for Parallel Port A, or Link Port A Data Ready Input.
Function depends on logic state of 0x1B:7 of output port control register.
N2
PBCH1_LBCLKIN2
I/O
Channel ID Output Bit, MSB, for Parallel Port B, or Link Port B Data Ready Input.
Function depends on logic state of 0x1D:7 of output port control register.
B10
SYNCA3
Input
Hardware Sync, Pin A, Routed to All Receiver Channels.
C10
SYNCB3
Input
Hardware Sync, Pin B, Routed to All Receiver Channels.
B9
SYNCC3
Input
Hardware Sync, Pin C, Routed to All Receiver Channels.
A10
SYNCD3
Input
Hardware Sync, Pin D, Routed to All Receiver Channels.
K3, J1, M1,
K1
CHIP_ID[3:0]3
Input
Chip ID Selector, Four Pins, Used in Conjunction with Access Control Register
Bits 5–2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com