Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 5 Page - Analog Devices

  AD6652PCB Datasheet HTML 1Page - Analog Devices AD6652PCB Datasheet HTML 2Page - Analog Devices AD6652PCB Datasheet HTML 3Page - Analog Devices AD6652PCB Datasheet HTML 4Page - Analog Devices AD6652PCB Datasheet HTML 5Page - Analog Devices AD6652PCB Datasheet HTML 6Page - Analog Devices AD6652PCB Datasheet HTML 7Page - Analog Devices AD6652PCB Datasheet HTML 8Page - Analog Devices AD6652PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
AD6652
Rev. 0 | Page 5 of 76
SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Table 1.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
AVDD
Full
IV
2.75
3.0
3.3
V
VDD
Full
IV
2.25
2.5
2.75
V
VDDIO
Full
IV
3.0
3.3
3.6
V
TAMBIENT
IV
−40
+25
+85
°C
ADC DC SPECIFICATIONS
AVDD = 3.0 V, VDD = 2.5 V, VDDIO = 3.3 V, 61.44 MSPS, −1.0 dBFS differential input, 1.0 V internal reference, unless otherwise noted.
Table 2.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
RESOLUTION
Full
IV
12
Bits
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
IV
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
mV
Output Voltage Error (0.5 V Mode)
Full
V
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
mV
INPUT REFERRED NOISE
Input Span = 1 V Internal
25°C
V
0.54
LSB rms
Input Span = 2 V Internal
25°C
V
0.27
LSB rms
ANALOG INPUT
Input Span = 1.0 V
Full
IV
1
V p-p
Input Span = 2.0 V
Full
IV
2
V p-p
Input Capacitance
Full
V
7
pF
REFERENCE INPUT RESISTANCE
Full
V
7
kΩ
MATCHING CHARACTERISTICS
Offset Error
Full
V
±0.1
% FSR
Gain Error
Full
V
±0.1
% FSR
ADC SWITCHING SPECIFICATIONS
AVDD = 3.0 V, VDD = 2.5 V, VDDIO = 3.3 V, 61.44 MSPS, −1.0 dBFS differential input, 1.0 V internal reference, unless otherwise noted.
Table 3.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
IV
65
MSPS
Minimum Conversion Rate
Full
V
1
MSPS
ACLK Period
Full
V
15.4
ns
ACLK Pulse Width High1
Full
V
6.2
ACLK/2
ns
ACLK Pulse Width Low1
Full
V
6.2
ACLK/2
ns
DATA OUTPUT PARAMETERS
Wake-Up Time2
Full
V
2.5
ms
OUT-OF-RANGE RECOVERY TIME
Full
V
2
Cycles
1 Duty cycle stabilizer enabled.
2 Wake-up time is dependent on the value of decoupling capacitors, typical values shown with 0.1 µF and 10 µF capacitors on REFT and REFB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com