Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 24Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 25Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-21-
GL640USB, GL640USB-A
AnCHK
-
This bit is used to select the type of EPP read engine
1 – EPP engine will check An pin before starting an EPP cycle.
0 – EPP engine doesn’t check An pin , n=0~2
ACTIVE
-
Select the An pin polarity
1 – active high for data ready 0 – active low for data ready
WRCHK
-
Select EPP check status during write or read
1- Check during EPP write cycle
0 – check during EPP read cycle
GLTHFLT -
Filter glitches on WAIT_
1-
Enable filter, performance maybe slow down
0 – Disable filter
EPPAD ( offset 9Fh )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EPPAD7
EPPAD6
EPPAD5
EPPAD4
EPPAD3
EPPAD2
EPPAD1
EPPAD0
This register is used to set/read pins D7-0.
To set D7-0, except writing EPPAD, the ADOE bit of EPPCTL register is set to 1
Read this register can get the status of pins D7-0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com