Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-13-
GL640USB, GL640USB-A
0: No carry-out from the 4
th low order bit
CA: Carry/Borrow bit
1: A carry-out from the most significant bit
0: No carry-out from the most significant bit
Value on POR: “- - 0 - - 0 0 0”
INDAR: (Address 04h/84h, Indirect address register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
INDAR7
INDAR6
INDAR5
INDAR4
INDAR3
INDAR2
INDAR1
INDAR0
Any instruction using the INDF register actually accesses the register pointed by the INDAR
register.
Value on POR: “x x x x x x x x”
[1]
Note 1: “x” means unknown
PORT1 (Address 06h, Port 1 data register)
R/W
R/W
R/W
R/W
R/W
PORT1.
4
PORT1.
3
PORT1.
2
PORT1.
1
PORT1.
0
PORT1 is a 5-bit latch for Port 1. Reading the PORT1 register reads the status of the pins whereas
writing to it will write to the port latch. All write operations are read-modify-write operations.
Value on POR: “- - - x x x x x”
PORT2 (Address 07h, Port 2 data register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PORT2.
7
PORT2.
6
PORT2.
5
PORT2.
4
PORT2.
3
PORT2.
2
PORT2.
1
PORT2.
0
PORT2 is an 8-bit latch for Port 2. Reading the PORT2 register reads the status of the pins
whereas writing to it will write to the port latch. All write operations are read-modify-write
operations.
Value on POR: “x x x x x x x x”
PCHBUF (Address 0Ah/8Ah, Write buffer of Program Counter’s bit 10-8)
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com