Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-9-
GL640USB, GL640USB-A
7
7.. 8-BIT RISC MCU INSTRUCTION
7.1 MEMORY ORGANIZATION
The memory in the microcontroller is organized into user program memory in program ROM and
data memory in SRAM space.
Program Memory Organization
The 11-bit Program Counter (PC) is capable of addressing 2.25K x 14 of program space.
However, the program space of the GL640USB is 2K x 14. The program memory space is
divided into two functional groups: Interrupt Vectors and program code. After a reset, the
Program Counter points to location zero of the program space. After a timer interrupt, the
Program Counter points the location 0x0004 of the program space.
After Reset
→
Addres
s
0x0000
Reset Vector
After Timer
Interrupt
→
0x0004
Timer Interrupt Vector
0x0005
0x07FF
2K x 14 ROM
Figure 7-1 Program Memory Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com