Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-5-
GL640USB, GL640USB-A
5
5.. Pin Descriptions
GL640USB
Pin No.
GL640USB-A
Pin No.
SYMBOL I/O
DESCRIPTION
1
43
CLKOUT
O Clock output to external device
The clock frequency is selected by setting DEVCTL register.
2
45
HRST
I
High active hardware reset, internal pull low
With internal power-on reset circuit, this pin can be left unconnected or
pulled low.
3
47
WR#
O This active low signal indicates the EPP write operation.
4
48
WAIT#
I
this signal acts as the acknowledge from external EPP device, internal
pull up
5-8
1-4
D0-D3
I/O Address/Data bus bit 0 to bit 3
9
5
DVCC
-
Digital 5V input
10
6
DGND
-
Digital ground
11-14
7-10
D4-D7
I/O Address/Data bus bit 4 to bit 7
15
11
VCP
-
3.3 V output. This output voltage is used to pull up D+ line to indicate
the full-speed device.
16
12
D+
I/O USB differential data
17
13
D-
I/O USB differential data
18
14
AVCC
-
Analog 5V input
19
16
AGND
-
Analog ground
20
17
GPI1
I
General purpose input 1
21
20
GPI2
I
General purpose input 2
22
21
GPI3
I
General purpose input 3
23
22
X2
I/O Crystal output
24
24
X1
I
12/48 MHz crystal or external clock input
25
25
OSCSEL
I
Oscillator Select, internal pull down
0=12MHz
1=48MHz
26
26
GPI4
I
General purpose input 4, internal pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com