Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 39Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-35-
GL640USB, GL640USB-A
11.4 Switching Characteristics
SYMBOL
Description
MIN
TYP
MAX
UNIT
FX1
X1 crystal frequency
11.97
12
12.03
MHz
TCYC
X1 cycle time
83.3
ns
TX1L
X1 clock LOW time
0.45Tcyc
ns
TX1H
X1 clock HIGH time
0.45Tcyc
ns
Tr30pf
Output pad rise time from 10% to 90% swing with 30pF
loading
6
8
12
ns
Tf30pf
Output pad fall time from 10% to 90% swing with 30pF
loading
5.3
7
10.4
ns
Tr50pf
Output pad rise time from 10% to 90% swing with50pF
loading
9.5
13
19
ns
Tf50pf
Output pad fall time from 10% to 90% swing with 50pF
loading
7.7
10
16
ns
TrUSB
D+/D- rise time with 50pF loading
4
20
ns
TfUSB
D+/D- fall time with 50pF loading
4
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com