Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-7-
GL640USB, GL640USB-A
6
6.. Block Diagram
This USB controller contains 3 sets of FIFO. The ENDP0 FIFO is an 8-byte FIFO to store/transmit the
endp0 control packet. The FIFO0 and FIFO1 are a set of 64-byte ping-pong FIFO for endp1 and endp2. FIFO0
is used for DATA0 packet and FIFO1 is for DATA1 packet. When they are served as the endp1 FIFO, the
LINKFF bit of FFCFG should be set and LINKDIR bit of FFCFG should be cleared. It they are allocated as the
endp1 FIFO, then LINKDIR should be set.
An EPP engine is included to automatically accessing data to/from external device ASIC. Firmware can set
the data length and hardware will count down to decide the last byte.
There are two sets of registers : I/O register and USB register. The USB register is controlled by
micro-controller to implement the USB endpoint 0 functions. The I/O register is the main register to interface the
data accessing between this controller and external device.
Micro Controller
I/O
Register
USB Control
USB
SIE
ENDP0
FIFO
FIFO0
FIFO1
(64 bytes)
(64 bytes)
Register
EPP
Engine
GL640USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com