Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 24Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 25Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 26Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-22-
GL640USB, GL640USB-A
7.4 USB Register Summary
Mnemonic
Offset
Description
Remarks
DEVCTL
10h
Device control register
EVTFLG
11h
USB function interrupt flag
DEVADR
12h
USB Device address
RXCTL0
13h
Endpoint 0 RX control
TXCTL0
14h
Endpoint 0 TX control
CTLDAT
15h
Endpoint 0/3 FIFO data port
MISC
16h
Miscellaneous register
GPIO
17h
GPIO value
GPIOCTL
18h
GPIO direction control
DEVCTL ( offset 10h )
R/W
R/W
R/W
R/W
R/W
DISGLUSB
EP0STL
WAKE
WAKEDIS
PWRDN
Default=8’h10
PWRDN
-
Power down mode
If USB suspend is detected, firmware can set PWRDN to put the controller into
power down mode. Power down mode stops oscillator and freezes all clocks at
known states, and no more command can be executed.
Hardware will automatically clear PWRDN upon hardware reset or interrupt
event.
WAKEDIS -
Disable remote wakeup capability
WAKE
-
Wake up host
Write ‘1’ to this bit will place USB bus to K state.
EP0STL
-
Endpoint 0 stall
Endpoint 0 will respond with a STALL to a valid transaction.
DISGLUSB -
Disable GL640USB, and bypass all EPP signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com