Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-17-
GL640USB, GL640USB-A
R/W
R/W
R/W
R/W
EP3STL
EP2STL
EP1STL
EP0STL
Default=8’h00
EPnSTL
-
Endpoint n is stalled
By setting EPnSTL to ‘1’, endpoint n will respond with a STALL to incoming
USB packet.
GPI (offset 92h)
R/O
R/O
R/O
GPI3
GPI2
GPI1
INTFLG ( offset 93h )
R/O
R/W1C
R/W1C
R/W1C
R/O
R/O
R/W1C
R/W1C
Reserved
RESUME
SUSPND
EPPINT
Reserved
EP3TX
DATARX
DATATX
Default=8’h00
This register is used to identify the exact interrupt event. When the external controller receives an interrupt, it
should first read this register to check the interrupt event. Writing ‘1’ to clear the individual interrupt bit.
DATATX -
The endp1 transmits a data packet completely
DATARX -
The endp2 receives a data packet
EP3TX
-
Endp3 transaction is detected
EPPINT
-This bit means external EPP interrupt is detected.
The EPPTXEN/EPPRXEN is cleared by hardware when this bit is set.
SUSPND
-
USB suspend request is detected.
RESUME -
USB resume request is detected.
UINTEN ( offset 94h )
R/W
R/W
R/W
R/W
R/O
R/W
R/W
R/W
FFINT
REMINT
SUSINT
DMAINT
Reserved
UINTEN
DRXINT
DTXINT
These are the interrupt enable bits of INTFLG register.
Default = 8’h00
USBFLG ( offset 95h )
R/W1C
R/O
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com