Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 39Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-34-
GL640USB, GL640USB-A
Note 1 : Pins with internal pullup resister : PIN3, 4, 26, 27, 28, 29, 30, 33, 38, 39, 40
Note 2 : Pins with internal pulldown resister: PIN25, 34
11.3 DC Characteristics (VCP/D+/D-)
SYMBOL
Description
MIN
TYP
MAX
UNIT
V3.3
VCP regulator output
3.0
3.3
3.6
V
I3.3
VCP maximum supply current
27
41
56
mA
VOL
D+/D- static output LOW(RL of 1.5K to 3.6V )
0.3
V
VOH
D+/D- static output HIGH (RL of 15K to GND )
2.8
3.6
V
VDI
Differential input sensitivity
0.2
V
VCM
Differential common mode range
0.8
2.5
V
VSE
Single-ended receiver threshold
0.2
V
CIN
Transceiver capacitance
20
pF
ILO
Hi-Z state data line leakage
-10
+10
µA
ZDRV
Driver output resistance
28
43
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com