Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-19-
GL640USB, GL640USB-A
0:
the ping-pong FIFO is used for end1
DMATXEN
-
enable DMA/EPP engine to access data into TXFIFO
DMARXEN
-
enable DMA/EPP engine to move data from RXFIFO into external
Device
TXNULL
-
Set this bit to transmit a zero-byte data on endp1
This bit will be cleared by hardware automatically.
TX64ONLY
-
Transmit 64-byte packet only
When this bit is set, data left in FIFO will not be sent if it is not
64 bytes.
Note: When LINKFF is set and LINKDIR is gonna to change, LINKFF should be cleared to ‘0’first and
then change LINKDIR and set LINKFF again.
FFCTL ( offset 99h )
W/O
W/O
W/O
R/W
R/W
R/W
R/W
R/W
FF0RST
RXFFRST
TXFFRST
STSTXEN
DRXDIS/
DTX1EN
DTX0EN
CTLRXDIS
CTLTXEN
CTLTXEN -
enable endpoint 0 transmitting
This bit is cleared by hardware when CTLTX interrupt is set.
CTLRXDIS
-
disable endpoint 0 receiving
DTXEN
-
turn on this bit to enable endpoint 1 data packet transmission.
If LINKFF=1, it indicates the TXFIFO0 is ready.
This bit is cleared by hardware when DATATX interrupt is set.
DRXDIS
-
disable RXFIFO receiving
If this bit is set, NAK will be responded to the OUT token.
Data in RXFIFO is kept unchanged.
If LINKFF=1, this bit means the TXFIFO1 is ready.
STSTXEN -
enable endpoint 3 transmitting
This bit is cleared by hardware when STSTX interrupt is set.
TXFFRST
-
reset TXFIFO, cleared by hardware itself.
RXFFRST -
reset RXFIFO, cleared by hardware itself
FF0RST
-
reset CTL/STS FIFO, cleared by hardware itself
FF0DAT ( offset 9Ah )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com