Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-12-
GL640USB, GL640USB-A
instruction using the INDF register actually accesses the register pointed by the INDAR register.
TIMER (Address 01h, Timer register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TIMER7
TIMER6
TIMER5
TIMER4
TIMER3
TIMER2
TIMER1
TIMER0
After timer is enable, the timer will start to count up. The Timer Interrupt is generated when the
TIMER register overflows from FFh to 00h.
Value on POR: “0 0 0 0 0 0 0 0”
PCL (Address 02h/82h, Program Counter’s low byte)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PCL7
PCL6
PCL5
PCL4
PCL3
PCL2
PCL1
PCL0
The Program Counter (PC) is 11-bit wide. The low byte comes from the PCL register, which is a
readable and writable register. The high byte is not directly readable or writable and comes from
PCHBUF. The GL600USB has a 4 level deep x 11-bit wide hardware stake. The stake space is
not part of either program or data space and the stack pointer is not readable or writable. The PC
is pushed onto the stack when a CALL instruction is executed or an interrupt causes a branch. The
stack is poped in the event of a RETIA, RETI or a RET instruction execution. PCHBUF is not
affected by a push or pop operation.
Value on POR: “0 0 0 0 0 0 0 0”
Status (Address 03h, Status register)
R/W
R/W
R/W
R/W
BS
ZO
HC
CA
BS: Bank Select
1: Bank 1 (80h-FFh)
0: Bank 0 (00h-7Fh)
ZO: Zero bit
1: The result of an arithmetic or logic operation is zero
0: The result of an arithmetic or logic operation is not zero
HC: Half Carry/Borrow bit
1: A carry-out from the 4
th low order bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com