Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-14-
GL640USB, GL640USB-A
PCHBU
F2
PCHBU
F1
PCHBU
F0
Write buffer for upper 3-bit of Program Counter. The upper byte of Program Counter is not
directly accessible. PCHBUF is a holding register for the PC[10:8] whose contents are transferred
to the upper byte of the Program Counter.
Value on POR: “- - - - - 0 0 0”
INTEN (Address 0Bh/8Bh, Interrupt enable register)
R/W
R/W
R/W
GIE
TMROE
N
TMROF
GIE: Global interrupt enable bit
1: Enable all interrupts
0: Disable all interrupts
TMROEN: Timer overflow interrupt enable bit
1: Enable timer interrupt
0: Disable timer interrupt
TMROF: Timer overflow interrupt flag bit
1: Timer register has overflowed
0: Timer register did not overflow
Value on POR: “0 - 0 - - 0 - -“
PSCON (Address 81h, Prescaler control register)
R/W
R/W
R/W
R/W
PSDIS
PS2
PS1
PS0
PSEN: Prescaler disable bit
1: Disable prescaler for timer
0: Enable prescaler for timer
PS[2:0]: Prescaler rate select bits
Bit Value
Timer Rate
000
1:2
001
1:4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com