Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-18-
GL640USB, GL640USB-A
STSTX
Reserved
Reserved
Default=8’h00
STSTX
-
The interrupt endpoint 3 transmits a status packet completely
CTLDAT/STSDAT ( offset 96h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CTLDAT7
CTLDAT6
CTLDAT5
CTLDAT4
CTLDAT3
CTLDAT2
CTLDAT1
CTLDAT0
Read:
Pop data from endp0/endp3 FIFO.
Write:
Push data into endp0/endp3 FIFO.
CTLLEN/STSLEN ( offset 97h )
R/O
R/O
R/W
R/W
R/W
R/W
R/W
RXSETUP
RXOUT
DATOG
CTLLEN3
CTLLEN2
CTLLEN1
CTLLEN0
For the received OUT/SETUP transaction on endp0/endp3, read this register to check the data size and data
toggle, and then read the received data from CTLDAT/STSDAT register. To transmit data on endp0/endp3, first
push data into endp0/endp3 FIFO, and then write this register to set data size and data toggle. Finally, turn on
CTLTXEN or STSTXEN bit to enable the data transmission.
CTLLEN3-0
-
Length of the received/transmitted endp0/endp3 data
DATOG
-
Data toggle of the received/transmitted endp0/endp3 data
RXOUT
-
The received transaction is an OUT transaction
RXSETUP -
The received transaction is a SETUP transaction
FFCFG ( offset 98h )
R/W
R/W
R/W
R/W
R/W
R/W
TX64ONLY
TXNULL
DMARXEN/
EPPRXEN
DMATXEN/E
PPTXEN
LINKDIR
LINKFF
Default=8’h00
This register is used to control TX/RX FIFO and DMA/EPP engine operation.
LINKFF
-
link RXFIFO to TXFIFO together to form ping-pong FIFO
LINKDIR
-
This bit is valid only when LINKFF is set to 1.
1:
the ping-pong FIFO is used for end2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com