Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-10-
GL640USB, GL640USB-A
Data Memory Organization
The data memory is partitioned into two Banks which contain the General Purpose Registers,
MCU Function Registers and USB Function Registers. Bit RP0 is the bank select bit.
RP0 (STATUS<5>) = 1
→ Bank 1
RP0 (STATUS<5>) = 0
→ Bank 0
The lower locations of each Bank are reserved for MCU Function Registers. Above the MCU
Function Registers are the USB Registers, I/O Registers and General Purpose Registers
implemented as SRAM. Both Bank 0 and Bank 1 contain MCU Function Registers. USB
Registers are located in Bank 0, and I/O Resgiters are located in Bank 1. Some “high use” MCU
Function Registers from Bank 0 are mirrored in Bank 1 for code reduction and quicker access.
Data
Memory
Address
Data
Memory
Address
00h
INDR
80h
INDR
01h
TIMER
81h
PSCON
02h
PCL
82h
PCL
03h
STATUS
83h
STATUS
04h
INDAR
84h
INDAR
05h
85h
06h
PORT1
86h
PORT1CO
N
07h
PORT2
87h
PORT2CO
N
08h
88h
09h
89h
0Ah
PCHBUF
8Ah
PCHBUF
0Bh
INTEN
8Bh
INTEN
10~1Fh
USB
Registers
90h~9Fh
I/O
Registers
20h
General



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com