Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-16-
GL640USB, GL640USB-A
INTFLG
93
interrupt flag
UINTEN
94
USB interrupt enable
USBFLG
95
USB interrupt flag
CTLDAT/
STSDAT
96
Control/status data buffer
CTLLEN/
STSLEN
97
Control/status data length
FFCFG
98
FIFO configuration register
FFCTL
99
FIFO control
FF0DAT
9A
data port for FIFO0
FF1DAT
9B
data port for FIFO1
LINE_L
9C
Read : max. length of TX data packet
Write : line size (low byte)
LINE_H
9D
Read : received data length /
Write : line size (high byte)
EPPCTL
9E
EPP control / status
EPPAD
9F
EPP interface AD0-7
IODEVCTL (offset 90h)
R/W
R/O
R/O
R/O
R/W
R/W
R/W
R/O
EXTCLK
EN
NC
NC
GPI4
CKSEL2
CKSEL1
CKSEL0
CLKTYP
CLKTYP
-
select crystal frequency, this bit reflects the OSCSEL pin
0 - 12MHz, 1 - 48MHz
CKSEL[2:0]
-
select CLKOUT frequency, default=8MHz
000 - stop CLKOUT
100 - 8MHz
001 - 24MHz
101 - 6MHz
010 - 16MHz
110 - 12KHz
011 - 12MHz
GPI4
-
this bit reflects the status of GPI4 input pad
EXTCLKEN -
Enable EXTCLK output
0 – set EXTCLK to tri-state
1- enable EXTCLK
ENDPCTL(offset 91h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com