Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-11-
GL640USB, GL640USB-A
5Fh
Purpose
Registers
(64 bytes)
Figure 7-2 Data Memory Space
7.2 MCU FUNCTION REGISTERS
Address
Name
Function
00h
INDR
Addressing this location will use the content of INDAR to
address data memory (not a physical address)
01h
TIMER
Timer register
02h
PCL
Program Counter’s low byte
03h
STATUS
Status register
04h
INDAR
Indirect address register
06h
PORT1
Port 1 data register
07h
PORT2
Port 2 data register
0Ah
PCHBUF
Write buffer of Program Counter’s bit 10-8
80h
INDR
Addressing this location will use the content of INDAR to
address data memory (not a physical address)
81h
PSCON
Prescaler control register
82h
PCL
Program Counter’s low byte
83h
STATUS
Status register
84h
INDAR
Indirect address register
86h
PORT1CON
Port 1 direction control register
87h
PORT2CON
Port 2 direction control register
8Ah
PCHBUF
Write buffer of Program Counter’s bit 10-8
Table 7-1 MCU Function Register Summary
INDR (Address 00h/80h)
INDR is not a physical register. Addressing INDR register will cause indirect addressing. Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com