Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GL640 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-2-
GL640USB, GL640USB-A
1. Features
Ø Low-cost solution for full-speed USB device
Ø Applications – Printer, Scanner, PC Camera, External Storage Device, CD-ROM
Ø IEEE 1284 interface supports bi-directional communication
Ø On-chip EPP engine
Ø On-chip 8-bit micro-controller
Ø USB Specification Compliance
− Conforms to USB 12Mbps Specification, Version 1.0
− Supports 1 device address and 4 endpoints
Ø 2 sets of 64-byte FIFO with dynamic allocation
− a. 64-In/64-Out
− b. 64-In0/64-In1 ping pong buffer
− c. 64-Out0/64-Out1 ping pong buffer
Ø Integrated USB transceiver
Ø On-chip 3.3v regulator
Ø Improved output drivers with slew-rate control to reduce EMI
Ø 12MHz external clock
Ø On-chip PLL to support 48MHz internal clock
Ø Internal power-on reset(POR)
Ø Supports suspend/normal mode power management
Ø Customized firmware/driver for scanner application
Ø The driver allows current Win98/Win95 OSR-2 printer drivers to print seamlessly to USB
Ø Fully plug & play compatible
Ø Single-chip solution in cost saving 40-pin SOJ(GL640USB) / 48-pin LQFP(GL640USB-A)
Ø Special pad-design to support EPP/USB dual-interface application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com