Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 2 Page - Texas Instruments

  MSP432P411VIPZR Datasheet HTML 1Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 2Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 3Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 4Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 5Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 6Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 7Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 8Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 212 page
background image
2
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Device Overview
Copyright © 2017–2018, Texas Instruments Incorporated
• JTAG and Debug Support
– 4-Pin JTAG and 2-Pin SWD Debug Interfaces
– Serial Wire Trace
– Power Debug and Profiling of Applications
1.2
Applications
•
Metering
–
Flow Meter
–
Electric Meters
–
Fault Detectors
–
Field Transmitters
•
Building Automation
–
Thermostat
–
Security Systems
–
Smoke Detectors
–
Access Panels
•
Factory Automation
–
Wireless Power Monitor
–
Predictive Failure Sensors
–
Field Transmitter
–
Foundational Field Bus
•
Health and Fitness
–
Health Monitors
–
Fitness Accessories
–
Blood Glucose Meters
1.3
Description
The SimpleLink MSP432P411x and MSP432P401x microcontrollers (MCUs) are optimized wireless host
MCUs with an integrated 16-bit precision ADC, delivering ultra-low-power performance including 100
µA/MHz in active power and 820 nA in standby power with FPU and DSP extensions. As an optimized
wireless host MCU, the MSP432P411x and MSP432P401x let developers add high-precision analog and
memory extension to applications based on SimpleLink wireless connectivity solutions.
The MSP432P411x and MSP432P401x devices are part of the SimpleLink MCU platform, which consists
of Wi-Fi, Bluetooth low energy, Sub-1 GHz, and host MCUs. All share a common, easy-to-use
development environment with one core software development kit (SDK) and a rich tool set. A one-time
integration of the SimpleLink platform lets you add any combination of devices from the portfolio into your
design. The ultimate goal of the SimpleLink platform is to achieve 100 percent code reuse when your
design requirements change. For more information, visit www.ti.com/simplelink.
MSP432P411x and MSP432P401x MCUs are supported by a comprehensive ecosystem of tools,
software, documentation, training, and support to get your development started quickly. The LaunchPad™
development kit or MSP-TS432PZ100 target socket board (with additional MCU sample) along with the
free SimpleLink MSP432 SDK are all you need to get started.
(1)
For the most current part, package, and ordering information for all available devices, see the Package
Option Addendum in Section 9, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 9.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (2)
MSP432P4111PZ
MSP432P411YPZ
MSP432P411VPZ
LQFP (100)
14 mm × 14 mm
MSP432P4011RGC
MSP432P401YRGC
MSP432P401VRGC
VQFN (64)
9 mm × 9 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com