Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 54 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 54 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 50Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 51Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 52Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 53Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 54Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 55Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 56Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 57Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 212 page
background image
54
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-11. High-Frequency Crystal Oscillator, HFXT (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
(3)
Oscillation allowance is based on a safety factor of 5 for recommended crystals.
OAHFXT
Oscillation allowance for
HFXT crystals(3)
HFXTBYPASS = 0, HFXTDRIVE = 0,
HFFREQ = 0,
fHFXT,HF = 1 MHz, CL,eff = 16 pF
1225
5000
Ω
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 0,
fHFXT,HF = 4 MHz, CL,eff = 16 pF
640
1250
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 1,
fHFXT,HF = 8 MHz, CL,eff = 16 pF
360
750
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 2,
fHFXT,HF = 16 MHz, CL,eff = 16 pF
200
425
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 3,
fHFXT,HF = 24 MHz, CL,eff = 16 pF
135
275
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 4,
fHFXT,HF = 32 MHz, CL,eff = 16 pF
110
225
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 5
fHFXT,HF = 40 MHz, CL,eff = 16 pF
105
160
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 6,
fHFXT,HF = 48 MHz, CL,eff = 16 pF
80
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com