Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 36 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 36 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 32Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 33Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 34Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 35Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 36Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 37Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 38Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 39Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 212 page
background image
36
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Current measured into VCC.
(2)
All other input pins tied to 0 V or VCC. Outputs do not source or sync any current.
(3)
MCLK sourced by REFO at 128 kHz.
(4)
All peripherals are inactive.
(5)
SRAM banks 0 and 1 enabled for execution from flash, and SRAM banks 0 to 3 enabled for execution from SRAM.
(6)
Flash configured to 0 wait states.
(7)
Device executing the Dhrystone 2.1 program. Code execution from Flash. Stack and data in SRAM.
(8)
Flash instruction and data buffers are enabled (BUFI = BUFD = 1).
(9)
Device executing the Dhrystone 2.1 program. Code execution from SRAM. Stack and data also in SRAM.
5.12 Current Consumption in Low-Frequency Active Modes – Dhrystone 2.1 Program
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2) (3) (4) (5)
PARAMETER
EXECUTION
MEMORY
VCC
–40°C
25°C
60°C
85°C
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
IAM_LF_VCORE0, flash
(6) (7) (8)
Flash
2.2 V
90
95
110
140
μA
3.0 V
90
95
120
110
150
350
IAM_LF_VCORE1, flash
(6) (7) (8)
Flash
2.2 V
92
100
120
160
μA
3.0 V
95
110
150
130
200
500
IAM_LF_VCORE0, SRAM
(9)
SRAM
2.2 V
88
95
110
140
μA
3.0 V
88
95
115
110
150
300
IAM_LF_VCORE1, SRAM
(9)
SRAM
2.2 V
92
98
118
165
μA
3.0 V
93
100
130
120
166
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com