Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 73 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 73 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 69Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 70Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 71Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 72Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 73Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 74Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 75Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 76Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 212 page
background image
73
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-32 lists the characteristics of the internal reference buffers of the ADC.
(1)
The internal reference current is supplied through terminal AVCC.
Table 5-32. Precision ADC Internal Reference Buffers
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IREF+
Operating supply current into
AVCC terminal(1)
ADC ON, REFOUT = 0, ADC14PWRMD = 0,
REFVSEL = {0, 1, 3}
3 V
600
800
µA
ADC ON, REFOUT = 0, ADC14PWRMD = 2,
REFVSEL = {0, 1, 3}
200
300
ADC ON, REFOUT = 1, ADC14PWRMD = 2,
REFVSEL = {0, 1, 3}
650
850
ton
Turnon time
3 V
5
µs
Table 5-33 lists the characteristics of the ADC external reference.
(1)
Lower reference voltage down to 1.2 V can be applied for 1-Msps sampling rate with reduced accuracy requirements of linearity
parameters.
(2)
Connect two decoupling capacitors, 5 µF and 50 nF, to the VeREF+ terminal to decouple the dynamic current required for an external
reference source if it is used for the Precision ADC.
Table 5-33. Precision ADC External Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VeREF+
Positive external reference voltage
input(1)
1.45
AVCC
V
VeREF–
Negative external reference voltage
input
0
V
(VeREF+ -
VeREF–)
Differential external reference voltage
input(1)
1.45
AVCC
V
IVeREF+
IVeREF–
Static input current in single ended
input mode
1.45 V
≤ VeREF+≤ VAVCC, VeREF– = 0 V,
fADC14CLK = 25 MHz, ADC14SHT0x = 0x1,
ADC14SHT1x = 0x1, ADC14DIF = 0
±75
µA
1.45 V
≤ VeREF+≤ VAVCC, VeREF– = 0 V,
fADC14CLK = 5 MHz, ADC14SHT0x = 0x1,
ADC14SHT1x = 0x1, ADC14DIF = 0
±15
IVeREF+
IVeREF–
Static input current in differential input
mode
1.45 V
≤ VeREF+≤ VAVCC, VeREF– = 0 V,
fADC14CLK = 25 MHz, ADC14SHT0x = 0x1,
ADC14SHT1x = 0x1, ADC14DIF = 1
±150
µA
1.45 V
≤ VeREF+≤ VAVCC, VeREF– = 0 V
fADC14CLK = 5 MHz, ADC14SHT0x = 0x1,
ADC14SHT1x = 0x1, ADC14DIF = 1
±30
CVeREF+
Capacitance at VeREF+ terminal
See (2)
5
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com