Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 95 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 95 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 91Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 92Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 93Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 94Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 95Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 96Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 97Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 98Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 212 page
background image
95
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-50 lists the characteristics of the flash stand-alone operations.
Table 5-50. Flash Stand-Alone Operations
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPGM, Immediate
Program time for one 32-bit data using
immediate write mode
VER_PRE = 0, VER_PST = 1
52
µs
VER_PRE = 1, VER_PST = 1
63
tPGM, Full-word
Program time for one 128-bit word using full
word write mode
VER_PRE = 0, VER_PST = 1
49
µs
VER_PRE = 1, VER_PST = 1
70
tPGM, Burst
Program time for 4×128-bit burst using burst
write mode
AUTO_PRE = 0, AUTO_PST = 1
43
µs
AUTO_PRE = 1, AUTO_PST = 1
64
tERS
Time for sector erase or mass erase
9
ms
NMAX_PGM
Maximum number of pulses to complete
program operation
5
NMAX_ERS
Maximum number of pulses to complete
erase operation
Number of erase or program cycles
<1000
34
Number of erase or program cycles
>1000 and <20000
334
Table 5-51 lists the characteristics of the SRAM.
Table 5-51. SRAM
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISRAM_EN
Current consumption of one SRAM bank when enabled
VCORE = 1.2 V
0.55
20.5
µA
VCORE = 1.4 V
1.90
31
ISRAM_RET
Current consumption of one SRAM block under retention
VCORE = 1.2 V
29
1700
nA
VCORE = 1.4 V
36
2300
tSRAM_EN, one
Time taken to enable one SRAM bank
8
10
µs
tSRAM_DIS, one
Time taken to disable one SRAM bank
8
10
µs
tSRAM_EN, all
Time taken to enable all SRAM banks except Bank 0
18
21
µs
tSRAM_DIS, all
Time taken to disable all SRAM banks except Bank 0
8
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com