Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 32 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 28Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 29Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 30Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 31Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 32Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 33Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 34Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 35Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 212 page
background image
32
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
For optimum performance, select components that match the NOM values in this table.
(2)
See Section 7 for more details on component selection, placement, and related PCB design guidelines.
(3)
Consider the tolerances of the capacitance and inductance values when choosing components to ensure that the MIN and MAX limits
are never exceeded.
(4)
CDVCC should not be smaller than CVCORE.
5.4
Recommended External Components
(1) (2) (3)
MIN
NOM
MAX
UNIT
CDVCC
Capacitor on DVCC pin
For DC/DC operation(4)
3.3
4.7
µF
For LDO-only operation
3.3
4.7
CVCORE
Capacitor on VCORE pin
For DC/DC operation, including
capacitor tolerance
1.54
4.7
9
µF
For LDO-only operation, including
capacitor tolerance
70
100
9000
nF
CAVCC
Capacitor on AVCC pin
3.3
4.7
µF
LVSW
Inductor between VSW and VCORE pins for DC/DC
3.3
4.7
13
µH
RLVSW-DCR
Allowed DCR for LVSW
150
350
mΩ
ISAT-LVSW
LVSW saturation current
700
mA
(1)
Flash remains active only in active modes and LPM0 modes.
(2)
Low-frequency active and low-frequency LPM0, LPM3, LPM4, and LPM3.5 modes are based on LDO only.
(3)
When VCC falls below the specified MIN value, the DC/DC operation automatically switches to LDO, as long as the VCC drop is slower
than the rate that is reliably detected. See Table 5-20 for more details.
(4)
Core voltage is off in LPM4.5 mode.
5.5
Operating Mode VCC Ranges
over operating free-air temperature (unless otherwise noted)
PARAMETER
OPERATING MODE
TEST CONDITIONS
MIN
MAX
UNIT
VCC_LDO
(1) (2)
AM_LDO_VCORE0
AM_LF_VCORE0
LPM0_LDO_VCORE0
LPM0_LF_VCORE0
LPM3_VCORE0
LPM4_VCORE0
LPM3.5
AM_LDO_VCORE1
AM_LF_VCORE1
LPM0_LDO_VCORE1
LPM0_LF_VCORE1
LPM3_VCORE1
LPM4_VCORE1
LDO active, SVSMH disabled
1.62
3.7
V
LDO active, SVSMH enabled
1.71
3.7
VCC_DCDC_DF0
AM_DCDC_VCORE0
LPM0_DCDC_VCORE0
AM_DCDC_VCORE1
LPM0_DCDC_VCORE1
DC/DC active, DC/DC operation not forced
(DCDC_FORCE = 0), SVSMH enabled or
disabled(3)
2.0
3.7
V
VCC_DCDC_DF1
AM_DCDC_VCORE0
LPM0_DCDC_VCORE0
AM_DCDC_VCORE1
LPM0_DCDC_VCORE1
DC/DC active, DC/DC operation forced
(DCDC_FORCE = 1), SVSMH enabled or disabled
1.8
3.7
V
VCC_VCORE_OFF
(4)
LPM4.5
LDO disabled, SVSMH disabled
1.62
3.7
V
LDO disabled, SVSMH enabled
1.71
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com