Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 4 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 4 Page - Texas Instruments

  MSP432P411VIPZR Datasheet HTML 1Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 2Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 3Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 4Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 5Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 6Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 7Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 8Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 212 page
background image
PCM
Power
Control
Manager
PSS
Power
Supply
System
CS
Clock
System
RTC_C
Real-Time
Clock
WDT_A
Watchdog
Timer
I/O Ports
P1 to P10
78 I/Os
I/O Ports
PJ
6 I/Os
Flash
2048KB
1024KB
512KB
SRAM
(includes
Backup
Memory)
256KB
128KB
ROM
(Driver
Library)
32KB
RSTCTL
Reset
Controller
SYSCTL_A
System
Controller
AES256
Security
Encryption,
Decryption
CRC32
Precision
ADC
1 Msps,
SAR A/D
Comp_E0
Comp_E1
Analog
Comparator
REF_A
Voltage
Reference
TA0, TA1
TA2,TA3
Timer_A
16 Bit
5 CCR
Timer32
Two 32-bit
Timers
eUSCI_A0
eUSCI_A1
eUSCI_A2
eUSCI_A3
(UART,
IrDA, SPI)
eUSCI_B0
eUSCI_B1
eUSCI_B2
eUSCI_B3
(I C, SPI)
2
Bus
Control
Logic
DMA
8 Channels
Capacitive Touch I/O 0,
Capacitive Touch I/O 1
Address
Data
LFXIN,
HFXIN
LFXOUT,
HFXOUT
DCOR
LPM3.5 Domain
P1.x to P10.x
PJ.x
Backup
Memory
SRAM
8KB
CPU
MPU
NVIC, SysTick
FPB, DWT
Arm
Cortex-M4F
ITM, TPIU
JTAG, SWD
Utility
SRAM
2KB
Copyright © 2017, Texas Instruments Incorporated
4
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Device Overview
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 1-2. MSP432P401x Functional Block Diagram
The CPU and all of the peripherals in the device interact with each other through a common AHB matrix.
In some cases, there are bridges between the AHB ports and the peripherals. These bridges are
transparent to the application from a memory map perspective and, therefore, are not shown in the block
diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com