Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 94 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 94 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 90Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 91Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 92Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 93Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 94Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 95Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 96Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 97Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 212 page
background image
94
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.13 Memories
Table 5-48 lists the general characteristics of the flash memory.
(1)
Program or erase cycle for a bit is defined as the value of bit changing from 1 to 0 to 1.
Table 5-48. Flash Memory
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
DVCCPGM/ERS
Supply voltage for program or erase
1.62
3.7
V
IPGM/ERS, PEAK
Peak supply current from DVCC during program or erase
10
mA
NEndurance
Program or erase endurance(1)
20000
cycles
tRetention
Data retention duration
20
years
NPGM_TO_ERS
Number of program operations supported between erases per sector
2000
Table 5-49 lists the characteristics of the flash operations using MSP432 peripheral driver libraries.
(1)
MSP432 peripheral driver libraries executed from ROM.
(2)
The maximum value is calculated by multiplying the typical value by NMAX_ERS for the specific erase or program endurance.
(3)
The maximum value is calculated by multiplying the typical value by NMAX_ERS for the specific erase or program endurance and the total
number of sectors in the flash main memory.
Table 5-49. Flash Operations Using MSP432 Peripheral Driver Libraries(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPGM_API, Word
Program time for 32-bit data using
ROM_FlashCtl_programMemory() API
VCORE = 1.4 V, MCLK = 48 MHz
63
390
µs
tPGM_API, Sector
Program time for 4kB data (one sector)
using ROM_FlashCtl_programMemory() API
VCORE = 1.4 V, MCLK = 48 MHz
5.7
80
ms
tERS_API, Sector
Sector erase time using
ROM_FlashCtl_eraseSector() API
VCORE = 1.4 V, MCLK = 48 MHz,
Number of erase or program cycles
<1000
9
309(2)
ms
VCORE = 1.4 V, MCLK = 48 MHz,
Number of erase or program cycles
>1000 and <20000
9
3035(2)
tERS_API, Mass-Erase
Mass erase time using
ROM_FlashCtl_performMassErase() API
VCORE = 1.4 V, MCLK = 48 MHz,
Number of erase or program cycles
<1000,
Devices with 2MB of flash memory
38
1292(3)
ms
VCORE = 1.4 V, MCLK = 48 MHz,
Number of erase or program cycles
<1000,
Devices with 1MB of flash memory
24
816(3)
VCORE = 1.4 V, MCLK = 48 MHz,
Number of erase or program cycles
<1000,
Devices with 512KB of flash memory
17
578(3)
IAVGPGM_API
Average supply current from DVCC during
program using
ROM_FlashCtl_programMemory() API
VCORE = 1.2 V, MCLK = 3 MHz
5
7
mA
IAVGERS_API
Average supply current from DVCC during
erase using
ROM_FlashCtl_eraseSector() API
VCORE = 1.2 V, MCLK = 3 MHz
2
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com