Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 61 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 61 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 57Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 58Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 59Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 60Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 61Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 62Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 63Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 64Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 212 page
background image
61
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-21 lists the VCCDET characteristics.
(1)
The VCCDET levels are measured with a slow-changing supply. Faster slopes can result in different levels.
Table 5-21. PSS, VCCDET
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVCC_VCCDET-
VCCDET power-down level
- trip point with falling VCC
dDVCC/dt < 3 V/s
(1)
0.64
1.12
1.55
V
VVCC_VCCDET+
VCCDET power-up level -
trip point with rising VCC
dDVCC/dt < 3 V/s
(1)
0.70
1.18
1.59
V
VVCC_VCC_hys
VCCDET hysteresis
30
65
100
mV
Table 5-22 lists the SVSMH characteristics.
Table 5-22. PSS, SVSMH
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISVSMH
SVSMH current consumption,
low-power mode
SVSMHOFF = 0, SVSMHLP = 1
200
400
nA
SVSMH current consumption,
high-performance mode
SVSMHOFF = 0, SVSMHLP = 0
7
10
μA
VSVSMH-,HP
SVSMH threshold level during
high-performance mode
(falling DVCC)
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 0,
DC (dDVCC/dt < 1 V/s)
1.59
1.64
1.71
V
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 1,
DC (dDVCC/dt < 1 V/s)
1.59
1.64
1.71
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 2,
DC (dDVCC/dt < 1 V/s)
1.59
1.64
1.71
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 3,
DC (dDVCC/dt < 1 V/s)
2.0
2.06
2.12
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 4,
DC (dDVCC/dt < 1 V/s)
2.2
2.26
2.32
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 5,
DC (dDVCC/dt < 1 V/s)
2.4
2.47
2.54
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 6,
DC (dDVCC/dt < 1 V/s)
2.7
2.79
2.88
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 7,
DC (dDVCC/dt < 1 V/s)
2.9
3.0
3.1
VSVSMH+,HP
SVSMH threshold level, high-
performance mode (rising
DVCC)
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 0,
DC (dDVCC/dt < 1 V/s)
1.6
1.66
1.71
V
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 1,
DC (dDVCC/dt < 1 V/s)
1.6
1.66
1.71
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 2,
DC (dDVCC/dt < 1 V/s)
1.6
1.66
1.71
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 3,
DC (dDVCC/dt < 1 V/s)
2.02
2.07
2.14
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 4,
DC (dDVCC/dt < 1 V/s)
2.22
2.27
2.34
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 5,
DC (dDVCC/dt < 1 V/s)
2.42
2.48
2.56
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 6,
DC (dDVCC/dt < 1 V/s)
2.72
2.8
2.9
SVSMHOFF = 0, SVSMHLP = 0, SVSMHTH = 7,
DC (dDVCC/dt < 1 V/s)
2.92
3.01
3.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com