Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 52 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 48Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 49Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 50Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 51Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 52Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 53Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 54Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 55Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 212 page
background image
52
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-9. Low-Frequency Crystal Oscillator, LFXT (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
(6)
This represents all the parasitic capacitance present at the LFXIN and LFXOUT terminals, respectively, including parasitic bond and
package capacitance. The effective load capacitance, CL,eff can be computed as CIN × COUT / (CIN + COUT), where CIN and COUT are the
total capacitance at the LFXIN and LFXOUT terminals, respectively.
(7)
Requires external capacitors at both terminals to meet the effective load capacitance specified by crystal manufacturers. Recommended
effective load capacitance values supported are 3.7 pF, 6 pF, 9 pF, and 12 pF. Maximum shunt capacitance of 1.6 pF. Because the
PCB adds additional capacitance, it must also be considered in the overall capacitance. Verify that the recommended effective load
capacitance of the selected crystal is met.
(8)
Does not include programmable start-up counter.
(9)
Frequencies greater than the MAX specification do not set the fault flag. Frequencies between the MIN and MAX specification may set
the flag. A static condition or stuck-at-fault condition sets the fault flag.
(10) Measured with logic-level input frequency but also applies to operation with crystals.
CLFXIN
Integrated load capacitance at
LFXIN terminal(6) (7)
2
pF
CLFXOUT
Integrated load capacitance at
LFXOUT terminal(6) (7)
2
pF
tSTART,LFXT Start-up time
(8)
fOSC = 32.768 kHz,
LFXTBYPASS = 0, LFXTDRIVE = {0},
CL,eff = 3.7 pF, Typical ESR, CSHUNT,
FCNTLF_EN = 0(2)
3.0 V
1.1
s
fOSC = 32.768 kHz,
LFXTBYPASS = 0, LFXTDRIVE = {3},
CL,eff = 12 pF, Typical ESR, CSHUNT,
FCNTLF_EN = 0(2)
1.3
fFault,LFXT
Oscillator fault frequency(9) (10)
1
3
kHz
Table 5-10 lists the input requirements for the high-frequency crystal oscillator, HFXT.
Table 5-10. High-Frequency Crystal Oscillator, HFXT, Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ESR
Crystal equivalent series resistance
fOSC = 1 MHz to ≤ 4 MHz
75
150
Ω
fOSC = > 4 MHz to ≤ 8 MHz
75
150
fOSC = > 8 MHz to ≤ 16 MHz
40
80
fOSC = > 16 MHz to ≤ 24 MHz
30
60
fOSC = > 24 MHz to ≤ 32 MHz
20
40
fOSC = > 32 MHz to ≤ 48 MHz
15
30
CHFXT
Capacitance from HFXT input to ground
and from HFXT output to ground
fOSC = 1 MHz to 48 MHz
28
32
36
pF
CSHUNT
Crystal shunt capacitance
fOSC = 1 MHz to 48 MHz
1
3
7
pF
Cm
Crystal motional capacitance
fOSC = 1 MHz to 48 MHz
3
7
30
fF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com