Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 30 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 30 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 26Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 27Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 28Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 29Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 30Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 31Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 32Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 33Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 212 page
background image
30
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
For any unused pin with a secondary function that is shared with general-purpose I/O, follow the guidelines for the Px.0 to Px.7 pins.
4.7
Connections for Unused Pins
Table 4-5 lists the correct termination of all unused pins.
Table 4-5. Connection for Unused Pins (1)
PIN
POTENTIAL
COMMENT
AVCC
DVCC
AVSS
DVSS
VSW
Open
Leave VSW pin unconnected if DC/DC regulator operation is not required.
Px.0 to Px.7
Open
Set to port function, output direction, and leave unconnected on the PCB.
RSTn/NMI
DVCC or VCC
47-kΩ pullup with 1.1-nF pulldown
PJ.4/TDI
Open
The JTAG TDI pin is shared with general-purpose I/O function (PJ.4). If not being used,
set this pin to port function, output direction. When used as the JTAG TDI pin, leave this
pin open.
PJ.5/TDO/SWO
DVCC or VCC
The JTAG TDO/SWO pin is shared with general-purpose I/O function (PJ.5). If not being
used, set this pin to port function, output direction. When used as the JTAG TDO/SWO
pin, use an external pulldown on this pin.
SWDIOTMS
DVCC or VCC
Use an external pullup on this pin.
SWCLKTCK
DVCC or VCC
Use an external pulldown on this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com