Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 72 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 72 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 68Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 69Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 70Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 71Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 72Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 73Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 74Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 75Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 212 page
background image
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
600
625
650
675
700
725
750
775
800
825
850
875
D020
72
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-31 lists the characteristics of the temperature sensor and built-in V1/2.
(1)
The temperature sensor offset can be as much as ±35°C. TI recommends a single-point calibration to minimize the offset error of the
built-in temperature sensor.
(2)
The TLV structure contains calibration values for 30°C ±3°C and 85°C ±3°C for each of the available reference voltage levels. The
sensor voltage can be computed as VSENSE = TCSENSOR × (Temperature,°C) + VSENSOR, where TCSENSOR and VSENSOR can be
computed from the calibration values for higher accuracy.
(3)
The typical equivalent impedance of the sensor is 250 kΩ. The sample time required includes the sensor-on time tSENSOR(on).
(4)
The on-time tV1/2 (on) is included in the sampling time tV1/2 (sample). No additional on time is needed.
Table 5-31. Precision ADC Temperature Sensor and Built-In V1/2
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VSENSOR
Temperature sensor voltage(1) (2)
(see Figure 5-29)
ADC14ON = 1, ADC14TCMAP = 1,
TA = 0°C
685
mV
TCSENSOR
Change in voltage with
temperature(2)
ADC14ON = 1, ADC14TCMAP = 1
1.9
mV/°C
tSENSOR
(sample)
Sample time required if ADCTCMAP
= 1 and channel (MAX – 1) is
selected(3)
ADC14ON = 1, ADC14TCMAP = 1,
Error of conversion result
≤ 1 LSB
5
µs
V1/2
AVCC voltage divider for
ADC14BATMAP = 1 on MAX input
channel
ADC14ON = 1, ADC14BATMAP = 1
48%
50%
52%
tV 1/2
(sample)
Sample time required if
ADC14BATMAP = 1 and channel
MAX is selected(4)
ADC14ON = 1, ADC14BMAP = 1
1
µs
Figure 5-29. Typical Temperature Sensor Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com