Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 44 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 40Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 41Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 42Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 43Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 44Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 45Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 46Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 47Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 212 page
background image
44
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Current measured into VCC.
(2)
All other input pins tied to 0 V or VCC. Outputs do not source or sync any current.
(3)
CPU is off, flash powered down.
(4)
Block 0 of SRAM retained, all other blocks and banks powered down.
(5)
See Table 5-51 for details on additional current consumed for each extra block that is enabled for retention.
(6)
SVSMH is disabled.
(7)
RTC sourced by LFXT. Effective load capacitance of LF crystal is 3.7 pF.
(8)
WDT module is disabled.
(9)
LCDMx = 11 (4-mux mode), LCDREXT = 1, LCDEXTBIAS = 1 (external biasing), LCD2B = 0 (1/3 bias), LCDSSEL = 0, LCDPREx =
101, LCDDIVx = 00011 (fLCD = 32768 Hz / 32 / 4 = 256 Hz). Current through external resistors not included (voltage levels are supplied
by test equipment). Even segments S0, S2,... = 0, odd segments S1, S3,... = 1. No LCD panel load.
(10) LCDMx = 11 (4-mux mode), LCDREXT = 0, LCDEXTBIAS = 0 (internal biasing), LCD2B = 0 (1/3 bias), LCDSSEL = 0, LCDPREx = 101,
LCDDIVx = 00011 (fLCD = 32768 Hz / 32 / 4 = 256 Hz) Even segments S0, S2,... = 0, odd segments S1, S3,... = 1. No LCD panel load.
5.22 Current Consumption in LPM3 Modes With LCD
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3) (4) (5) (6)
PARAMETER
VCC
–40°C
25°C
60°C
85°C
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
ILPM3_VCORE0_LCDEXT
(7) (8) (9)
2.4 V
1.24
1.60
3.16
7.29
μA
3.0 V
1.27
1.63
3.18
7.32
ILPM3_VCORE0_LCDINT
(7) (8) (10)
2.4 V
1.61
1.98
3.53
7.68
μA
3.0 V
1.64
2.00
3.56
7.70
ILPM3_VCORE1_LCDEXT
(7) (8) (9)
2.4 V
4.60
5.44
7.97
13.15
μA
3.0 V
4.64
5.47
7.99
13.19
ILPM3_VCORE1_LCDINT
(7) (8) (10)
2.4 V
5.00
5.86
8.35
13.55
μA
3.0 V
5.04
5.89
8.38
13.59
(1)
Current measured into VCC.
(2)
All other input pins tied to 0 V or VCC. Outputs do not source or sync any current.
(3)
CPU and flash are powered down.
(4)
Bank 0 of SRAM retained, all other banks powered down.
(5)
RTC sourced by LFXT. Effective load capacitance of LF crystal is 3.7 pF.
(6)
WDT module is disabled.
(7)
SVSMH is disabled.
(8)
RTC sourced by REFO.
(9)
No core voltage. CPU, flash and all banks of SRAM powered down.
5.23 Current Consumption in LPM3.5, LPM4.5 Modes
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
VCC
–40°C
25°C
60°C
85°C
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
ILPM3.5_RTCLF
(3) (4) (5) (6) (7)
2.2 V
0.64
0.79
1.38
2.90
μA
3.0 V
0.66
0.82
1.41
3.10
ILPM3.5_RTCREFO
(3) (4) (8) (6) (7)
2.2 V
0.98
1.27
1.93
3.50
μA
3.0 V
1.10
1.36
2.00
3.70
ILPM4.5
(9) (7)
2.2 V
13
19
62
207
nA
3.0 V
14
22
500
69
229
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com