Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 45 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 41Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 42Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 43Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 44Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 45Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 46Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 47Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 48Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 212 page
background image
45
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Measured with VCORE = 1.2 V.
5.24 Current Consumption of Digital Peripherals
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TYP
MAX
UNIT
ITIMER_A
Timer_A configured as PWM timer with 50% duty cycle
5
µA/MHz
ITIMER32
Timer32 enabled
3.5
µA/MHz
IUART
eUSCI_A configured in UART mode
6.5
µA/MHz
ISPI
eUSCI_A configured in SPI master mode
5
µA/MHz
II2C
eUSCI_B configured in I2C master mode
5
µA/MHz
IWDT_A
WDT_A configured in interval timer mode
6
µA/MHz
IRTC_C
RTC_C enabled and sourced from 32-kHz LFXT
100
nA
IAES256
AES256 active
19
µA/MHz
ICRC32
CRC32 active
2
µA/MHz
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC (RθJC) value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment and application. For more information, see these EIA/JEDEC
standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
(3)
N/A = Not applicable
5.25 Thermal Resistance Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
THERMAL METRIC(1)
PACKAGE
VALUE(2) (3)
UNIT
RθJA
Junction-to-ambient thermal resistance, still air
LQFP-100 (PZ)
44.5
°C/W
RθJC(TOP)
Junction-to-case (top) thermal resistance
6.4
°C/W
RθJB
Junction-to-board thermal resistance
22.0
°C/W
ΨJB
Junction-to-board thermal characterization parameter
21.7
°C/W
ΨJT
Junction-to-top thermal characterization parameter
0.2
°C/W
RθJC(BOTTOM)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
RθJA
Junction-to-ambient thermal resistance, still air
QFN-64 (RGC)
28.2
°C/W
RθJC(TOP)
Junction-to-case (top) thermal resistance
7.7
°C/W
RθJB
Junction-to-board thermal resistance
6.8
°C/W
ΨJB
Junction-to-board thermal characterization parameter
6.7
°C/W
ΨJT
Junction-to-top thermal characterization parameter
0.1
°C/W
RθJC(BOTTOM)
Junction-to-case (bottom) thermal resistance
0.7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com