Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 83 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 83 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 79Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 80Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 81Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 82Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 83Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 84Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 85Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 86Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 212 page
background image
83
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.8 REF_A
Table 5-35 lists the characteristics of the REF_A built-in reference.
(1)
The internal reference current is supplied from the AVCC terminal.
(2)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C)/(85°C – (–40°C)).
(3)
The condition is that the error in a ADC conversion started after tSETTLE is less than ±0.5 LSB.
Table 5-35. REF_A, Built-In Reference (LDO Operation)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF+
Positive built-in reference
voltage output
REFVSEL = {0} for 1.2 V, REFON = 1
1.62 V
1.2
±1%
V
REFVSEL = {1} for 1.45 V, REFON = 1
1.75 V
1.45
±1%
REFVSEL = {3} for 2.5 V, REFON = 1
2.8 V
2.5
±1%
AVCC(min)
AVCC minimum voltage,
Positive built-in reference
active
REFVSEL = {0} for 1.2 V
1.62
V
REFVSEL = {1} for 1.45 V
1.75
REFVSEL = {3} for 2.5 V
2.8
IREF+
Operating supply current into
AVCC terminal(1)
REFON = 1
3 V
15
20
µA
IO(VREF+)
VREF maximum load current,
VREF+ terminal
REFVSEL = {0, 1, 3},
AVCC = AVCC (min) for each reference level,
REFON = REFOUT = 1
–1000
+10
µA
IL(VREF+)
Load-current regulation,
VREF+ terminal
REFVSEL = {0, 1, 3},
I(VREF+) = +10 µA or –1000 µA,
AVCC = AVCC (min) for each reference level,
REFON = REFOUT = 1
2500 µV/mA
CVREF±
Capacitance at VREF+,
VREF- terminals
REFON = REFOUT = 1
0
100
pF
PSRR_DC
REFOUT0
Power supply rejection ratio
(DC) after ADC buffer
AVCC = AVCC (min) for each reference level,
REFVSEL = {0, 1, 3}, REFON = 1,
REFOUT = 0
50
350
µV/V
PSRR_DC
REFOUT1
Power supply rejection ratio
(DC) after ADC buffer
AVCC = AVCC (min) for each reference level,
REFVSEL = {0, 1, 3}, REFON = 1,
REFOUT = 1
50
250
µV/V
PSRR_AC
REFOUT0
Power supply rejection ratio
(AC) after ADC buffer
AVCC = AVCC (min) for each reference level,
dAVCC = 0.1 V at 1 kHz,
REFVSEL = {0, 1, 3}, REFON = 1,
REFOUT = 0
2
10
mV/V
PSRR_AC
REFOUT1
Power supply rejection ratio
(AC) after ADC buffer
AVCC = AVCC (min) for each reference level,
dAVCC = 0.1 V at 1 kHz,
REFVSEL = {0, 1, 3}, REFON = 1,
REFOUT = 1
2
5
mV/V
TCREF+
(2)
Temperature coefficient of
built-in reference
REFVSEL = {0, 1, 3}, REFON = 1,
TA = –40°C to 85°C
25
60
ppm/°
C
tSETTLE
Settling time of reference
voltage(3)
AVCC = AVCC (min) to AVCC(max)
REFVSEL = {0, 1, 3}, REFON = 0
→ 1
70
80
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com