Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 33 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 33 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 29Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 30Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 31Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 32Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 33Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 34Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 35Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 36Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 212 page
background image
33
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
The DMA can be operated at the same frequency as the CPU.
5.6
Operating Mode CPU Frequency Ranges
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
OPERATING MODE
DESCRIPTION
fMCLK
UNIT
MIN
MAX
fAM_LDO_VCORE0
AM_LDO_VCORE0
Normal-performance mode with LDO as the active
regulator
0
24
MHz
fAM_LDO_VCORE1
AM_LDO_VCORE1
High-performance mode with LDO as the active
regulator
0
48
MHz
fAM_DCDC_VCORE0
AM_DCDC_VCORE0
Normal-performance mode with DC/DC as the active
regulator
0
24
MHz
fAM_DCDC_VCORE1
AM_DCDC_VCORE1
High-performance mode with DC/DC as the active
regulator
0
48
MHz
fAM_LF_VCORE0
AM_LF_VCORE0
Low-frequency mode with LDO as the active regulator
0
128
kHz
fAM_LF_VCORE1
AM_LF_VCORE1
Low-frequency mode with LDO as the active regulator
0
128
kHz
(1)
Only RTC and WDT can be active.
(2)
Peripherals available in LPM4 can be operational on external clocks.
5.7
Operating Mode Peripheral Frequency Ranges
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
OPERATING MODE
DESCRIPTION
MIN
MAX
UNIT
fAM_LPM0_VCORE0
AM_LDO_VCORE0
Peripheral frequency range in LDO or DC/DC-
based active or LPM0 modes for VCORE0
0
12
MHz
AM_DCDC_VCORE0
LPM0_LDO_VCORE0
LPM0_DCDC_VCORE0
fAM_LPM0_VCORE1
AM_LDO_VCORE1
Peripheral frequency range in LDO or DC/DC-
based active or LPM0 modes for VCORE1
0
24
MHz
AM_DCDC_VCORE1
LPM0_LDO_VCORE1
LPM0_DCDC_VCORE1
fAM_LPM0_LF
AM_LF_VCORE0
Peripheral frequency range in low-frequency
active or low-frequency LPM0 modes for
VCORE0 and VCORE1
0
128
kHz
AM_LF_VCORE1
LPM0_LF_VCORE0
LPM0_LF_VCORE1
fLPM3
(1)
LPM3_VCORE0
Peripheral frequency in LPM3 mode for VCORE0
and VCORE1
0
128
kHz
LPM3_VCORE1
fLPM4
(2)
LPM4_VCORE0
Peripheral frequency in LPM4 mode for VCORE0
and VCORE1
0
128
kHz
LPM4_VCORE1
fLPM3.5
(1)
LPM3.5
Peripheral frequency in LPM3.5 mode
0
32.768
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com