Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 1 Page - Texas Instruments

  MSP432P411VIPZR Datasheet HTML 1Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 2Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 3Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 4Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 5Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 6Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 7Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 8Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 212 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
MSP432P411x, MSP432P401x SimpleLink™ Mixed-Signal Microcontrollers
1
Device Overview
1
1.1
Features
1
• Core
– Arm® 32-Bit Cortex®-M4F CPU With Floating
Point Unit and Memory Protection Unit
– Frequency up to 48 MHz
– ULP Benchmark
– 150.6 ULPBench™-CP
Performance Benchmark
– 3.41 CoreMark/MHz
– 1.22 DMIPS/MHz (Dhrystone 2.1)
• Advanced Low-Power Analog Features
– SAR Analog-To-Digital Converter (ADC) With
16-Bit Precision and up to 1 Msps
– Differential and Single-Ended Inputs
– Two Window Comparators
– Up to 24 Input Channels
– Internal Voltage Reference With 25-ppm/°C
Typical Stability
– Two Analog Comparators
– Integrated LCD Driver With Contrast Control for
up to 320 Segments
• Memories
– Up to 2048KB of Flash Main Memory
(Organized Into Two Banks Enabling
Simultaneous Read or Execute During Erase)
– 32KB of Flash Information Memory (Including
area used for BSL, TLV, and Flash Mailbox)
– Up to 256KB of SRAM (Including 8KB of
Backup Memory)
– 2KB of Utility SRAM
– 32KB of ROM with MSP432™ Peripheral Driver
Libraries
• Ultra-Low-Power Operating Modes
– Active: 100 µA/MHz
– Low-Frequency Active: 95 µA (at 128 kHz)
– LPM3 (With RTC): 820 nA
– LPM3.5 (With RTC): 820 nA
– LPM4: 690 nA
– LPM4.5: 22 nA
• SimpleLink™ Platform
– Support for Bluetooth® Low Energy, Wi-Fi®, and
Sub-1 GHz
– Single Development Environment
– 100% Code Reuse Across SimpleLink SDK
• Operating Characteristics
– Wide Supply Voltage Range: 1.62 V to 3.7 V
– Temperature Range (Ambient): –40°C to 85°C
• Flexible Clocking Features
– Programmable Internal DCO (up to 48 MHz)
– 32.768-kHz Low-Frequency Crystal (LFXT)
– High-Frequency Crystal (HFXT) up to 48 MHz
– Low-Frequency Trimmed Internal Reference
Oscillator (REFO)
– Very-Low-Power Low-Frequency Internal
Oscillator (VLO)
– Module Oscillator (MODOSC)
– System Oscillator (SYSOSC)
• Code Security Features
– JTAG and SWD Lock
– IP Protection (up to Four Secure Flash Zones,
Each With Configurable Start Address and Size)
• Enhanced System Options
– Programmable Supervision and Monitoring of
Supply Voltage
– Multiple-Class Resets for Better Control of
Application and Debug
– 8-Channel DMA
– RTC With Calendar and Alarm Functions
• Timing and Control
– Up to Four 16-Bit Timers, Each With up to Five
Capture, Compare, PWM Capability
– Two 32-Bit Timers with Interrupt Generation
Capability
• Serial Communication
– Up to Four eUSCI_A Modules
– UART With Automatic Baud-Rate Detection
– IrDA Encode and Decode
– SPI (up to 16 Mbps)
– Up to Four eUSCI_B Modules
– I2C (With Multiple-Slave Addressing)
– SPI (up to 16 Mbps)
• Flexible I/O Features
– Ultra-Low-Leakage I/Os (±20 nA Maximum)
– All I/Os With Capacitive Touch Capability
– Up to 48 I/Os With Interrupt and Wake-up
Capability
– Up to 24 I/Os With Port Mapping Capability
– Eight I/Os With Glitch Filtering Capability
• Encryption and Data Integrity Accelerators
– 128-, 192-, or 256-Bit AES Encryption and
Decryption Accelerator
– 32-Bit Hardware CRC Engine


Similar Part No. - MSP432P411VIPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP432P411VT TI1-MSP432P411VT Datasheet
2Mb / 205P
SimpleLink Mixed-Signal Microcontrollers
MSP432P411VTPZ TI1-MSP432P411VTPZ Datasheet
2Mb / 205P
SimpleLink Mixed-Signal Microcontrollers
MSP432P411VTPZR TI1-MSP432P411VTPZR Datasheet
2Mb / 205P
SimpleLink Mixed-Signal Microcontrollers
More results

Similar Description - MSP432P411VIPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
MSP432P4111T TI1-MSP432P4111T Datasheet
2Mb / 205P
SimpleLink Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com