Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZR Datasheet(PDF) 21 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 17Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 18Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 19Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 20Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 21Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 22Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 23Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 24Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 212 page
background image
21
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
SIGNAL NO. (1)
SIGNAL
TYPE (2)
DESCRIPTION
PZ
RGC
(3)
Available only on MSP432P411x devices.
(4)
This LCD drive pin is also mirrored at a different location in the 100-pin PZ package. Assign the LCD drive output to only one pin at a
time.
Comparator
C0.0
31
18
I
Comparator_E0 input 0
C0.1
30
17
I
Comparator_E0 input 1
C0.2
29
N/A
I
Comparator_E0 input 2
C0.3
28
N/A
I
Comparator_E0 input 3
C0.4
27
N/A
I
Comparator_E0 input 4
C0.5
26
N/A
I
Comparator_E0 input 5
C0.6
25
N/A
I
Comparator_E0 input 6
C0.7
24
N/A
I
Comparator_E0 input 7
C1.0
81
50
I
Comparator_E1 input 0
C1.1
80
49
I
Comparator_E1 input 1
C1.2
79
N/A
I
Comparator_E1 input 2
C1.3
78
N/A
I
Comparator_E1 input 3
C1.4
77
N/A
I
Comparator_E1 input 4
C1.5
76
N/A
I
Comparator_E1 input 5
C1.6
71
46
I
Comparator_E1 input 6
C1.7
70
45
I
Comparator_E1 input 7
LCD (3)
L0
39
N/A
O
LCD drive pin 0 for either segment or common output
L1
38
N/A
O
LCD drive pin 1 for either segment or common output
L2
37
N/A
O
LCD drive pin 2 for either segment or common output
L3
36
N/A
O
LCD drive pin 3 for either segment or common output
L4
35
N/A
O
LCD drive pin 4 for either segment or common output
L5
34
N/A
O
LCD drive pin 5 for either segment or common output
L6
33
N/A
O
LCD drive pin 6 for either segment or common output
L7
32
N/A
O
LCD drive pin 7 for either segment or common output
L8
19
N/A
O
LCD drive pin 8 for either segment or common output
L9
18
N/A
O
LCD drive pin 9 for either segment or common output
L10
17
N/A
O
LCD drive pin 10 for either segment or common output
L11
16
N/A
O
LCD drive pin 11 for either segment or common output
L12 (4)
11
57
N/A
O
LCD drive pin 12 for either segment or common output
L13 (4)
10
56
N/A
O
LCD drive pin 13 for either segment or common output
L14 (4)
9
55
N/A
O
LCD drive pin 14 for either segment or common output
L15 (4)
8
54
N/A
O
LCD drive pin 15 for either segment or common output
L16 (4)
7
53
N/A
O
LCD drive pin 16 for either segment or common output
L17 (4)
6
52
N/A
O
LCD drive pin 17 for either segment or common output
L18 (4)
5
51
N/A
O
LCD drive pin 18 for either segment or common output
L19 (4)
4
50
N/A
O
LCD drive pin 19 for either segment or common output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com