Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 127 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 127 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 123Page - STMicroelectronics L9678P Datasheet HTML 124Page - STMicroelectronics L9678P Datasheet HTML 125Page - STMicroelectronics L9678P Datasheet HTML 126Page - STMicroelectronics L9678P Datasheet HTML 127Page - STMicroelectronics L9678P Datasheet HTML 128Page - STMicroelectronics L9678P Datasheet HTML 129Page - STMicroelectronics L9678P Datasheet HTML 130Page - STMicroelectronics L9678P Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 203 page
background image
DocID029274 Rev 3
127/203
L9678P, L9678P-S
Remote sensor interface
202
interface, subsequent requests for data from this channel will result in an error response
(NODATA fault).
The remote sensor interface is also able to detect faults occurring on the sensor interface.
The Remote Sensor Data Register (RSDRx) will report multiple fault flags.
When the number of bits decoded is incorrect (either too many or too few), a bit error is
indicated. When any bit error is detected (bit time, too many bits or too few bits), the
message is discarded.
Error bit INVALID is an OR-ed combination of the following errors:
Data length error or stop bit error
Parity Error of received Remote sensor Message
Bit time error (a data bit edge is not received inside the expected time window)
Should one or more of the channel faults (STG, STB, CURRENT_HI, OPENDET and
RSTEMP) be set, the INVALID and NODATA bits are cleared.
7.1.2
RSU data fields and CRC
The remote sensor interface reports both data information and fault information in the
Remote Sensor Data Register (RSDRx). Independent data registers are defined for each
remote sensor interface and the data contained therein is formatted differently based on
whether a fault is detected. See SPI command in Remote sensor data/fault registers w/o
fault (RSDRx) on page 91.
The data available in the RSDRx register is separated into several bit fields. The Logical
Channel ID is a 4-bit field to identify the satellite sensor. The DATA bits are appended to the
LCID at the output of the Manchester decoder. The 3-bit CRC bit field is computed on the
entire data packet of fields, bits[16:0], which also includes the CHxON and FLTBIT. To
satisfy safety requirements, the LCID, DATA and CRC bit fields propagate through the same
data path as a single item to the SPI output.
The polynomial calculation implemented for PSI5 data is described as in PSI5 specification
g(x)=1+x+x^3 with the initialization value equal to "111".
Below are the equations to calculate the CRC in combinatorial way:
CRC[2] = CRCext[0]+D[0]+D[1]+D[3]+D[6]+D[7]+D[8]+D[10]+D[13]+D[14]+D[15]
CRC[1] = CRCext[2]+D[0]+D[1]+D[2]+D[4]+D[7]+D[8]+D[9]+D[11]+D[14]+D[15]+D[16]
CRC[0] = CRCext[1]+CRCext[0]+D[0]+D[2]+D[5]+D[6]+D[7]+D[9]+D[12]+D[13]+D[14]+D[16]
where D[16:0]= RSDR[16:0] and CRCext[n] are the starting seed values (all '1').
7.1.3
Detailed description
Manchester decoding
The Manchester decoder will support remote sensor communication as per PSI
specification rev 1.3 for the modes configurable via the STS bits in the RSCRx registers.
The Manchester Decoder checks the duty-cycle and period of the start bits to determine
their validity, depending on the configuration of the PERIOD_MEAS_DISABLE bit in the
RSCRx registers. The expected time windows for the mid bit transitions of each subsequent
bit within the received frame is determined by means of the internal oscillator time base.
Glitches shorter than 25% of the minimum bit time duration are rejected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com