Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 129 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 129 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 125Page - STMicroelectronics L9678P Datasheet HTML 126Page - STMicroelectronics L9678P Datasheet HTML 127Page - STMicroelectronics L9678P Datasheet HTML 128Page - STMicroelectronics L9678P Datasheet HTML 129Page - STMicroelectronics L9678P Datasheet HTML 130Page - STMicroelectronics L9678P Datasheet HTML 131Page - STMicroelectronics L9678P Datasheet HTML 132Page - STMicroelectronics L9678P Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 203 page
background image
DocID029274 Rev 3
129/203
L9678P, L9678P-S
Remote sensor interface
202
A Manchester Decoder Error occurs if one or more of the following conditions are true:
Two valid start bits are detected, and at least one of the expected 13 mid-bit transitions
are not detected
Two valid start bits are detected, and more than 13 mid-bit transitions are detected
When the number of bits decoded is incorrect (either too many or too few), a bit error is
indicated. When any bit error is detected (bit time, too many bits, too few bits), the
decoder will revert to the minimum bit time of the selected range and the message is
discarded.
All errors are readable through the Sensor Fault Status Register and the RSFLT bit in the
Global Status Word Register.
When a valid message is correctly decoded, the 10/8 data bits are stored into the
appropriate RSDRx register together with the related LCID. The RSDRx register contains
the 10/8 bits data as they are received from the sensor (no data range check/mask is done
at this stage). The 8-bit data word is right-justified inside the 10-bit data field in the RSDRx
registers.
Current sensor with auto-adjust trip current
The current sensor is responsible for translating the current drawn by the sensor into a
digital state (refer to Figure 35). Each satellite channel has a dedicated current sensor with
hysteresis.
Figure 35. Remote sensor current sensing auto adjust
The auto adjust feature uses a 7 bit D/A to converter to step up and down the threshold level
for detecting the base current through the remote sensor before start bits are transmitted.
Once start bits are received, the counter stops and the D/A value remains fixed until the
remote sensor message is received. This procedure is repeated for each cycle of the
remote sensor. The auto adjust circuit uses the following equation:
Ibase = Ioffset + (D/A counts) * 300 µA where Ioffset is fixed to 2.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com