Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 133 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 133 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 129Page - STMicroelectronics L9678P Datasheet HTML 130Page - STMicroelectronics L9678P Datasheet HTML 131Page - STMicroelectronics L9678P Datasheet HTML 132Page - STMicroelectronics L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics L9678P Datasheet HTML 136Page - STMicroelectronics L9678P Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 203 page
background image
DocID029274 Rev 3
133/203
L9678P, L9678P-S
Watchdog timer
202
Following the description of the above states:
A single SPI command (WD_TEST) is used to activate test states for the watchdog circuitry.
Table 9. Watchdog timer status description
State/Signal
Description
WD1 INITIAL
Default state entered from startup. While in this state, no watchdog service is
required, and the IC may stay in this state indefinitely. For system safety, all
arming signals are disabled during this state to prevent deployment.
WD1 RUN
Normal run-time state where WD1 service is required.
WD1 TEST
A special state used to test the watchdog function. Normally, this state will only
be checked once per power cycle by the software, but there is no inherent
restriction in the watchdog logic preventing periodic testing. This state allows
testing of the watchdog refresh function without setting WD1_LOCKOUT=1,
which can only be cleared via WSM reset. Deployment is inhibited when the
WD state machine is in this state.
WD1 RESET
State entered when a WD1_ERROR occurs. This is a timed-duration state that
is automatically exited after 1ms.
WD1 OVERRIDE
A special state used to disable watchdog functionality for development
purposes. Other logic within the IC can use this state to emulate the WD1 RUN
state without the need to service WD1.
WSM_RESET
Signal used to reset the WD1 state machine to the WD1 INITIAL state and all
signals to their inactive values
WD1_refresh OK
Signal that is asserted only if the watchdog is refreshed ('A' - 'B' or 'B' - 'A' seq.)
within the WD1 time window
WD1_ERROR
Signal that is asserted if the watchdog refresh fails to occur during the WD1
time window.
WD1_WDR
Watchdog Reset – latched signal that is activated whenever a watchdog error
is qualified. For WD1, this occurs when WD1 service is required, but not
received. This signal is SPI-readable.
WD1_TM
Test Mode – a signal that indicates that WD1 is being tested. This signal is
SPI-readable.
WD1_LOCKOUT
A latched signal activated if an unexpected WD1 error occurs. This signal is
permanently latched when set (until WSM_RESET). When set, all arming
signals are disabled, preventing deployment. This signal is SPI-readable.
SPI_WD1_TEST
SPI command used to enter WD1 TEST state from WD1 RUN state, or to enter
WD1 OVERRIDE state from INITIAL state if WDT/TM pin voltage is greater
than the threshold. This command has no effect in other states.
WD1_ERR_CNT
Retry counter to let the microcontroller fails multiple times before set
LOCKOUT and prevent deployment.
WD1_ERR_TH
SPI configurable threshold for the retry counter.
WD1_ERR_TH_WE Signal to lock the writing of WD1_ERR_TH when watchdog entered RUN state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com