Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 131 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 131 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 127Page - STMicroelectronics L9678P Datasheet HTML 128Page - STMicroelectronics L9678P Datasheet HTML 129Page - STMicroelectronics L9678P Datasheet HTML 130Page - STMicroelectronics L9678P Datasheet HTML 131Page - STMicroelectronics L9678P Datasheet HTML 132Page - STMicroelectronics L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 203 page
background image
DocID029274 Rev 3
131/203
L9678P, L9678P-S
Remote sensor interface
202
7.2.4
Leakage to battery, open condition
The remote sensor interface offers detection of an open sensor condition. The auto-
adjusting counter for remote sensor current sensing will drop to 0 in case the current flowing
through RSUx pin is lower than 3 mA. The OPENDET fault flag is asserted when the fault
condition lasts for longer than TRSUOP_FILT deglitch filter time. This fault flag can be read
from RSDR bits and any fault will set the RSFLT bit of the global status word register
(GSW). The channel in this condition is not shutdown.
7.2.5
Leakage to ground
The sensor interface offers as well the detection of a leakage to ground condition, that will
possibly raise the sensor current higher than 36 mA. The CURRENT_HI fault flag is
asserted when the fault condition lasts for longer than TRSUCH_FILT deglitch filter time. This
fault flag can be read from RSDR bits and any fault will set the RSFLT bit of the global status
word register (GSW). The channel in this condition is not shutdown.
7.2.6
Thermal shutdown
Each output is protected by an independent over-temperature detection circuit. Should the
remote sensor interface thermal protection be triggered the output stage is disabled and a
corresponding thermal fault is latched and reported through the RSTEMP flag in the Remote
Sensor Data Register (RSDRx). The thermal fault flag is cleared when the sensor channel is
first disabled and then re-enabled through the Remote Sensor Configuration Register
(RSCRx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com