Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 134 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 134 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 130Page - STMicroelectronics L9678P Datasheet HTML 131Page - STMicroelectronics L9678P Datasheet HTML 132Page - STMicroelectronics L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics L9678P Datasheet HTML 136Page - STMicroelectronics L9678P Datasheet HTML 137Page - STMicroelectronics L9678P Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 203 page
background image
Watchdog timer
L9678P, L9678P-S
134/203
DocID029274 Rev 3
8.1.1
Watchdog timer configuration
The watchdog timer can be configured on two different frequency modes:
Fast watchdog with maximum range of 2 ms and a resolution of 8 µs;
Slow watchdog with maximum range of 16.3 ms and a resolution of 64 µs.
The watchdog window times are SPI programmable. The configuration of watchdog timer
frequency and window times can be done by setting the Watchdog Timer Configuration
Register (WDTCR) with the appropriate values. However, this configuration is accepted only
when the device is in the Init operating state, as shown in Figure 9. As soon as the Diag
state is entered, the watchdog control is enabled and the watchdog configuration is fixed
and cannot be changed anymore.
8.1.2
Watchdog timer operation
While in the WD1_INITIAL state, watchdog service must begin or a SPI command with
WD1_TOVR=1 must be received within the first 500 ms. If the WD1 timer override bit is set,
the device can stay in the WD1_INITIAL state indefinitely without watchdog service.
To refresh WD1, the logic must receive a Watchdog Timer Register (WD1T) SPI command
containing the expected key value within the WD1 time window (WDTMIN+WDTDELTA). If it
is received too early or too late the WD1_ERROR signal will be asserted. The
WD1_ERROR will not be asserted in case a SPI command containing the Watchdog Timer
Register (WD1T) with an incorrect key value is received at any time relative to the window
(WDTMIN+WDTDELTA). This allows the system software to repeatedly transmit the key
value until it needs to change to the correct key value.
Upon reception of the correct key value within the window, the logic will reset the watchdog
timer to create a new window.
The timer is cleared upon writing code 'A' and code 'B' (either in 'A' - 'B' or 'B' - 'A'
sequences) to the WD1CTL[1:0] bits, in the WD1T register. The watchdog timer value can
be read via the WD1T register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com