Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 137 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 137 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics L9678P Datasheet HTML 136Page - STMicroelectronics L9678P Datasheet HTML 137Page - STMicroelectronics L9678P Datasheet HTML 138Page - STMicroelectronics L9678P Datasheet HTML 139Page - STMicroelectronics L9678P Datasheet HTML 140Page - STMicroelectronics L9678P Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 203 page
background image
DocID029274 Rev 3
137/203
L9678P, L9678P-S
DC sensor interface
202
The voltage and current for the selected channel are made available to the main ADC by
selecting the proper channel and enabling the measurement process by dedicated
DIAGCTRLx commands.
The device offers the capability to actively keep all the DCSx lines discharged by means of a
weak pull down. The pull down is active by default on all channels and it comes to be
deactivated in either of the following cases:
1.
when the voltage source is active on the relevant channel
2.
when a voltage measurement is requested on the relevant channel
3.
if SPI bit SWCTRL(DCS_PD_CURR) is set (global pull-down disable for all channels)
In case of Hall-effect sensors, a single current measurement is processed. The current load
needed for regulating the pin is internally reflected to a reference resistance, whose voltage
drop is then measured through the internal ADC converter.
When resistive or switch sensors are used, a more complex measurement is performed. In
a first step the current information as above described is provided. Then, also the
information on the voltage level achieved on the output pin is provided via ADC. By
processing these two values, the micro-controller can understand the resistive value. The
DCSx voltage is internally rescaled by a voltage divider into the ADC converter voltage
range as shown in Figure 38. Additionally a positive voltage offset is internally applied to the
scaled voltage in order to allow voltage measurement capability for DCSx down to -1V.
In order to have accurate resistive information even in case of an external ground voltage
shift on the sensor of up to ±1V, the voltage measurement step actually needs two DCSx
voltage measurements. A first voltage measurement has to be done with selection of 6.25 V
on the output channel and a second one with the regulator switched off. The difference
between the two measurements will cancel out the offsets (both external ground shift and
internal offset).
The DCSx current and voltage can be retrieved from ADC readings according to the
following formulas and related parameters specified in Section 15.19: DC sensor interface
and Section 15.23: Voltage diagnostics (analog Mux):
IDCSx
1
RREF1_IDCSx
------------------------------------
ADCREF_hi
2
ADCRES
------------------------------- DIAGCTRLn ADCRESn


=
@DIAGCTRL(ADCREQn) = $04
VDCSx
RATIOVDCSx
ADCREF_hi
2
ADCRES
------------------------------- DIAGCTRLn ADCRESn
 V
OFF_DCSx
–



=
@DIAGCTRL(ADCREQn = $03
The DCSx sensor resistance can be calculated according to the following formula:
Rsensor
x
VDCSx
IDCSx
----------------------
VDCSx@(SWCTRL(SWOEN)=1 VDCSx@(SWCTRL(SWOEN)=0
–
IDCSx
----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
==
@SWCTRL(CHID) = x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com