Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 136 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 136 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 132Page - STMicroelectronics L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics L9678P Datasheet HTML 136Page - STMicroelectronics L9678P Datasheet HTML 137Page - STMicroelectronics L9678P Datasheet HTML 138Page - STMicroelectronics L9678P Datasheet HTML 139Page - STMicroelectronics L9678P Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 203 page
background image
DC sensor interface
L9678P, L9678P-S
136/203
DocID029274 Rev 3
9
DC sensor interface
L9678P implements a circuitry able to interface with a variety of positioning sensors. The
sensors that can be connected to the device are Hall-effect, resistive or simple switches.
Range of measurements is:
Resistive sensor: 65 Ω to 3 kΩ
Hall-effect sensor: 2 mA to 20 mA.
Within the above ranges, accuracy of ±15% is granted. A reduced accuracy is given in the
range 1 mA to 2 mA.
Hall sensor and switch interface block diagram is shown below.
Figure 38. Switch sensor interface block diagram
The global SPI contains several bits to control and configure the interface. The SWOEN bit
is used to enable the output voltage on DCSx pins. The channel to be activated can be
chosen by setting CHID bits accordingly. The interface activation is completely controlled by
user SPI command. The interface could be optionally configured for "automatic switch-off"
immediately after the current or resistance measurement completion by setting the
EN_AUTO_SWITCH_OFF bit in the SYS_CFG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com