Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 25Page - Cypress Semiconductor 4100 Datasheet HTML 26Page - Cypress Semiconductor 4100 Datasheet HTML 27Page - Cypress Semiconductor 4100 Datasheet HTML 28Page - Cypress Semiconductor 4100 Datasheet HTML 29Page - Cypress Semiconductor 4100 Datasheet HTML 30Page - Cypress Semiconductor 4100 Datasheet HTML 31Page - Cypress Semiconductor 4100 Datasheet HTML 32Page - Cypress Semiconductor 4100 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 29 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Memory
System Resources
Power-on-Reset (POR) with Brown Out
Table 26. Flash DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID173
VPE
Erase and program voltage
1.71
–
5.5
V
Note
3. It can take as much as 20 milliseconds to write to Flash. During this time the device should not be Reset, or Flash operations will be interrupted and cannot be relied
on to have completed. Reset sources include the XRES pin, software resets, CPU lockup states and privilege violations, improper power supply levels, and watchdogs.
Make certain that these are not inadvertently activated.
Table 27. Flash AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID174
TROWWRITE[3]
Row (block) write time (erase and
program)
–
–
20
ms
Row (block) = 128 bytes
SID175
TROWERASE[3]
Row erase time
–
–
13
ms
SID176
TROWPROGRAM[3] Row program time after erase
–
–
7
ms
SID178
TBULKERASE[3]
Bulk erase time (32 KB)
–
–
35
ms
SID180
TDEVPROG[3]
Total device program time
–
–
7
seconds Guaranteed by charac-
terization
SID181
FEND
Flash endurance
100 K
–
–
cycles
Guaranteed by charac-
terization
SID182
FRET
Flash retention. TA  55 °C, 100 K
P/E cycles
20
–
–
years
Guaranteed by charac-
terization
SID182A
Flash retention. TA  85 °C, 10 K
P/E cycles
10
–
–
years
Guaranteed by charac-
terization
SID182B
FRETQ
Flash retention. TA  105 °C, 10 K
P/E cycles,
 three years at TA ≥
85 °C
10
–
20
years
Guaranteed by charac-
terization
Table 28. Imprecise Power On Reset (IPOR)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID185
VRISEIPOR
Rising trip voltage
0.80
–
1.45
V
Guaranteed by character-
ization
SID186
VFALLIPOR
Falling trip voltage
0.75
–
1.4
V
Guaranteed by character-
ization
SID187
VIPORHYST
Hysteresis
15
–
200
mV
Guaranteed by character-
ization
Table 29. Precise Power On Reset (POR)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID190
VFALLPPOR
BOD trip voltage in active and
sleep modes
1.64
–
–
V
Full functionality between
1.71 V and BOD trip
voltage is guaranteed by
characterization
SID192
VFALLDPSLP
BOD trip voltage in Deep Sleep
1.4
–
–
V
Guaranteed by character-
ization
BID55
Svdd
Maximum power supply ramp
rate
––
67
kV/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com