Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 15Page - Cypress Semiconductor 4100 Datasheet HTML 16Page - Cypress Semiconductor 4100 Datasheet HTML 17Page - Cypress Semiconductor 4100 Datasheet HTML 18Page - Cypress Semiconductor 4100 Datasheet HTML 19Page - Cypress Semiconductor 4100 Datasheet HTML 20Page - Cypress Semiconductor 4100 Datasheet HTML 21Page - Cypress Semiconductor 4100 Datasheet HTML 22Page - Cypress Semiconductor 4100 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 19 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Deep Sleep Mode, VDD = 3.6V to 5.5V
SID34
IDD29
I2C wakeup and WDT on
–
1.5
15
µA
Typ at 25 °C
Max at 85 °C
Deep Sleep Mode, VDD = 1.71 V to 1.89 V (Regulator bypassed)
SID37
IDD32
I2C wakeup and WDT on.
–
1.7
–
µA
T = 25 °C
SID38
IDD33
I2C wakeup and WDT on
–
–
60
µA
T = 85 °C
Deep Sleep Mode, +105 °C
SID33Q
IDD28Q
I2C wakeup and WDT on. Regulator
Off.
–
–
135
µA
VDD = 1.71 to 1.89
SID34Q
IDD29Q
I2C wakeup and WDT on.
–
–
180
µA
VDD = 1.8 to 3.6
SID35Q
IDD30Q
I2C wakeup and WDT on.
–
–
140
µA
VDD = 3.6 to 5.5
Hibernate Mode, VDD = 1.8 V to 3.6 V (Regulator on)
SID40
IDD35
GPIO and Reset active
–
150
–
nA
T = 25 °C
SID41
IDD36
GPIO and Reset active
–
–
1000
nA
T = 85 °C
Hibernate Mode, VDD = 3.6 V to 5.5 V
SID43
IDD38
GPIO and Reset active
–
150
–
nA
T = 25 °C
Hibernate Mode, VDD = 1.71 V to 1.89 V (Regulator bypassed)
SID46
IDD41
GPIO and Reset active
–
150
–
nA
T = 25 °C
SID47
IDD42
GPIO and Reset active
–
–
1000
nA
T = 85 °C
Hibernate Mode, +105 °C
SID42Q
IDD37Q
Regulator Off
–
–
19.4
µA
VDD = 1.71 to 1.89
SID43Q
IDD38Q
–
–
17
µA
VDD = 1.8 to 3.6
SID44Q
IDD39Q
–
–
16
µA
VDD = 3.6 to 5.5
Stop Mode
SID304
IDD43A
Stop Mode current; VDD = 3.3 V
–
20
80
nA
Typ at 25 °C
Max at 85 °C
Stop Mode, +105 °C
SID304Q IDD43AQ
Stop Mode current; VDD = 3.6 V
–
–
5645
nA
XRES current
SID307
IDD_XR
Supply current while XRES asserted
–
2
5
mA
Table 3. AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID48
FCPU
CPU frequency
DC
–
24
MHz
1.71
VDD 5.5
SID49
TSLEEP
Wakeup from sleep mode
–
0
–
µs
Guaranteed by charac-
terization
SID50
TDEEPSLEEP
Wakeup from Deep Sleep mode
–
–
25
µs
24-MHz IMO.
Guaranteed by charac-
terization
SID51
THIBERNATE
Wakeup from Hibernate and Stop
modes
–
–
2
ms
Guaranteed by charac-
terization
SID52
TRESETWIDTH External reset pulse width
1
–
–
µs
Guaranteed by charac-
terization
Table 2. DC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com