Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 18Page - Cypress Semiconductor 4100 Datasheet HTML 19Page - Cypress Semiconductor 4100 Datasheet HTML 20Page - Cypress Semiconductor 4100 Datasheet HTML 21Page - Cypress Semiconductor 4100 Datasheet HTML 22Page - Cypress Semiconductor 4100 Datasheet HTML 23Page - Cypress Semiconductor 4100 Datasheet HTML 24Page - Cypress Semiconductor 4100 Datasheet HTML 25Page - Cypress Semiconductor 4100 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 22 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Analog Peripherals
Opamp
Table 8. Opamp Specifications (Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
IDD
Opamp block current. No load.
–
–
–
–
SID269
IDD_HI
Power = high
–
1100
1850
µA
SID270
IDD_MED
Power = medium
–
550
950
µA
SID271
IDD_LOW
Power = low
–
150
350
µA
GBW
Load = 20 pF, 0.1 mA. VDDA = 2.7 V
–
–
–
–
SID272
GBW_HI
Power = high
6
–
–
MHz
SID273
GBW_MED
Power = medium
4
–
–
MHz
SID274
GBW_LO
Power = low
–
1
–
MHz
IOUT_MAX
VDDA  2.7 V, 500 mV from rail
–
–
–
–
SID275
IOUT_MAX_HI
Power = high
10
–
–
mA
SID276
IOUT_MAX_MID
Power = medium
10
–
–
mA
SID277
IOUT_MAX_LO
Power = low
–
5
–
mA
IOUT
VDDA = 1.71 V, 500 mV from rail
–
–
–
–
SID278
IOUT_MAX_HI
Power = high
4
–
–
mA
SID279
IOUT_MAX_MID
Power = medium
4
–
–
mA
SID280
IOUT_MAX_LO
Power = low
–
2
–
mA
SID281
VIN
Charge pump on, VDDA  2.7 V
–0.05
–
VDDA – 0.2
V
SID282
VCM
Charge pump on, VDDA  2.7 V
–0.05
–
VDDA – 0.2
V
VOUT
VDDA  2.7 V
–
–
–
SID283
VOUT_1
Power = high, Iload=10 mA
0.5
–
VDDA – 0.5
V
SID284
VOUT_2
Power = high, Iload=1 mA
0.2
–
VDDA – 0.2
V
SID285
VOUT_3
Power = medium, Iload=1 mA
0.2
–
VDDA – 0.2
V
SID286
VOUT_4
Power = low, Iload=0.1 mA
0.2
–
VDDA – 0.2
V
SID288
VOS_TR
Offset voltage, trimmed
1
±0.5
1
mV
High mode
SID288A
VOS_TR
Offset voltage, trimmed
–
±1
–
mV
Medium mode
SID288B
VOS_TR
Offset voltage, trimmed
–
±2
–
mV
Low mode
SID290
VOS_DR_TR
Offset voltage drift, trimmed
–10
±3
10
µV/°C High mode.
TA  85 °C
SID290Q
VOS_DR_TR
Offset voltage drift, trimmed
15
±3
15
µV/°C High mode.
TA  105 °C
SID290A
VOS_DR_TR
Offset voltage drift, trimmed
–
±10
–
µV/°C Medium mode
SID290B
VOS_DR_TR
Offset voltage drift, trimmed
–
±10
–
µV/°C Low mode
SID291
CMRR
DC
70
80
–
dB
VDDD = 3.6 V
SID292
PSRR
At 1 kHz, 100-mV ripple
70
85
–
dB
VDDD = 3.6 V
Noise
–
–
–
–
SID293
VN1
Input referred, 1 Hz - 1GHz, power =
high
–94
–
µVrms
SID294
VN2
Input referred, 1 kHz, power = high
–
72
–
nV/rtHz
SID295
VN3
Input referred, 10kHz, power = high
–
28
–
nV/rtHz
SID296
VN4
Input referred, 100kHz, power = high
–
15
–
nV/rtHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com