Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 7Page - Cypress Semiconductor 4100 Datasheet HTML 8Page - Cypress Semiconductor 4100 Datasheet HTML 9Page - Cypress Semiconductor 4100 Datasheet HTML 10Page - Cypress Semiconductor 4100 Datasheet HTML 11Page - Cypress Semiconductor 4100 Datasheet HTML 12Page - Cypress Semiconductor 4100 Datasheet HTML 13Page - Cypress Semiconductor 4100 Datasheet HTML 14Page - Cypress Semiconductor 4100 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 11 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
The following is the pin-list for the PSoC 4100 (35-WLCSP).
35-Ball CSP
Alternate Functions for Pins
Pin Description
Pin
Name
Analog
Alt 1
Alt 2
Alt 3
Alt 4
D3
P2.2
sarmux.2
–
–
–
–
Port 2 Pin 2: gpio, lcd, csd, sarmux
E4
P2.3
sarmux.3
–
–
–
–
Port 2 Pin 3: gpio, lcd, csd, sarmux
E5
P2.4
sarmux.4
tcpwm0_p[1]
–
–
–
Port 2 Pin 4: gpio, lcd, csd, sarmux, pwm
E6
P2.5
sarmux.5
tcpwm0_n[1]
–
–
–
Port 2 Pin 5: gpio, lcd, csd, sarmux, pwm
E3
P2.6
sarmux.6
tcpwm1_p[1]
–
–
–
Port 2 Pin 6: gpio, lcd, csd, sarmux, pwm
E2
P2.7
sarmux.7
tcpwm1_n[1]
–
–
–
Port 2 Pin 7: gpio, lcd, csd, sarmux, pwm
E1
P3.0
–
tcpwm0_p[0]
scb1_uart_rx[0] scb1_i2c_scl[0]
scb1_spi_mosi[0] Port 3 Pin 0: gpio, lcd, csd, pwm, scb1
D2
P3.1
–
tcpwm0_n[0]
scb1_uart_tx[0] scb1_i2c_sda[0] scb1_spi_miso[0] Port 3 Pin 1: gpio, lcd, csd, pwm, scb1
D1
P3.2
–
tcpwm1_p[0]
–
swd_io[0]
scb1_spi_clk[0]
Port 3 Pin 2: gpio, lcd, csd, pwm, scb1, swd
B7
VSS
–
–
–
–
–
Ground
C1
P3.3
–
tcpwm1_n[0]
–
swd_clk[0]
scb1_spi_ssel_0[0] Port 3 Pin 3: gpio, lcd, csd, pwm, scb1, swd
C2
P3.4
–
tcpwm2_p[0]
-
–
scb1_spi_ssel_1 Port 3 Pin 4: gpio, lcd, csd, pwm, scb1
B1
P4.0
–
–
scb0_uart_rx
scb0_i2c_scl
scb0_spi_mosi
Port 4 Pin 0: gpio, lcd, csd, scb0
B2
P4.1
–
–
scb0_uart_tx
scb0_i2c_sda
scb0_spi_miso
Port 4 Pin 1: gpio, lcd, csd, scb0
A2
P4.2
csd_c_mod
–
–
–
scb0_spi_clk
Port 4 Pin 2: gpio, lcd, csd, scb0
A1
P4.3
csd_c_sh_tank
–
–
–
scb0_spi_ssel_0 Port 4 Pin 3: gpio, lcd, csd, scb0
C3
P0.0
comp1_inp
–
–
–
scb0_spi_ssel_1 Port 0 Pin 0: gpio, lcd, csd, scb0, comp
A5
P0.1
comp1_inn
–
–
–
scb0_spi_ssel_2 Port 0 Pin 1: gpio, lcd, csd, scb0, comp
A4
P0.2
comp2_inp
–
–
–
scb0_spi_ssel_3 Port 0 Pin 2: gpio, lcd, csd, scb0, comp
A3
P0.3
comp2_inn
–
–
–
–
Port 0 Pin 3: gpio, lcd, csd, comp
B3
P0.4
–
–
scb1_uart_rx[1] scb1_i2c_scl[1]
scb1_spi_mosi[1] Port 0 Pin 4: gpio, lcd, csd, scb1
A6
P0.5
–
–
scb1_uart_tx[1] scb1_i2c_sda[1] scb1_spi_miso[1] Port 0 Pin 5: gpio, lcd, csd, scb1
B4
P0.6
–
ext_clk
–
–
scb1_spi_clk[1]
Port 0 Pin 6: gpio, lcd, csd, scb1, ext_clk
B5
P0.7
–
–
–
wakeup
scb1_spi_ssel_0[1] Port 0 Pin 7: gpio, lcd, csd, scb1, wakeup
B6
XRES
–
–
–
–
–
Chip reset, active low
A7
VCCD
–
–
–
–
–
Regulated supply, connect to 1µF cap or 1.8V
C7
VDD
–
–
–
–
–
Supply, 1.8 - 5.5V
C4
P1.0
ctb.oa0.inp
tcpwm2_p[1]
–
–
–
Port 1 Pin 0: gpio, lcd, csd, ctb, pwm
C5
P1.1
ctb.oa0.inm
tcpwm2_n[1]
–
–
–
Port 1 Pin 1: gpio, lcd, csd, ctb, pwm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com